Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0330 Datasheet(PDF) 16 Page - ON Semiconductor

Part # AR0330
Description  CMOS Digital Image Sensor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0330 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button AR0330 Datasheet HTML 12Page - ON Semiconductor AR0330 Datasheet HTML 13Page - ON Semiconductor AR0330 Datasheet HTML 14Page - ON Semiconductor AR0330 Datasheet HTML 15Page - ON Semiconductor AR0330 Datasheet HTML 16Page - ON Semiconductor AR0330 Datasheet HTML 17Page - ON Semiconductor AR0330 Datasheet HTML 18Page - ON Semiconductor AR0330 Datasheet HTML 19Page - ON Semiconductor AR0330 Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 77 page
background image
AR0330_DS Rev. U Pub. 4/15 EN
16
©Semiconductor Components Industries, LLC,2015.
AR0330: 1/3-Inch CMOS Digital Image Sensor
Sensor Initialization
Notes:
1. External clock settling time is component-dependent, usually taking about 10 – 100 ms.
2. Hard reset time is the minimum time required after power rails are settled. In a circuit where Hard
reset is held down by RC circuit, then the RC time must include the all power rail settle time and
Xtal settle time.
3. It is critical that VDD_PLL is not powered up after the other power supplies. It must be powered
before or at least at the same time as the others. If the case happens that VDD_PLL is powered after
other supplies then sensor may have functionality issues and will experience high current draw on
this supply.
4. VDD_MIPI is tied to VDD_PLL in the both the CLCC and CSP packages and must be powered to 2.8 V.
The VDD_HiSPi and VDD_HiSPi_TX supplies do not need to be turned on if the sensor is configured
to use the MIPI or parallel interface.
Table 7:
Power-Up Sequence
Definition
Symbol
Min
Typ
Max
Unit
VDD_PLL, VDD_MIPI to VAA/VAA_PIX3
t0
0
100
s
VAA/VAA_PIX to VDD
t1
0
100
s
VDD to VDD_IO
t2
0
100
s
External clock settling time
tx
301
–ms
Hard Reset
t3
12
––
ms
Internal Initialization
t4
150000
EXTCLKs
Internal Initialization
t5
150000
EXTCLKs
PLL Lock Time
t6
1
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com