Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0330 Datasheet(PDF) 1 Page - ON Semiconductor

Part # AR0330
Description  CMOS Digital Image Sensor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0330 Datasheet(HTML) 1 Page - ON Semiconductor

  AR0330 Datasheet HTML 1Page - ON Semiconductor AR0330 Datasheet HTML 2Page - ON Semiconductor AR0330 Datasheet HTML 3Page - ON Semiconductor AR0330 Datasheet HTML 4Page - ON Semiconductor AR0330 Datasheet HTML 5Page - ON Semiconductor AR0330 Datasheet HTML 6Page - ON Semiconductor AR0330 Datasheet HTML 7Page - ON Semiconductor AR0330 Datasheet HTML 8Page - ON Semiconductor AR0330 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 77 page
background image
AR0330: 1/3-Inch CMOS Digital Image Sensor
Features
AR0330_DS Rev. U Pub. 4/15 EN
1
©Semiconductor Components Industries, LLC 2015,
1/3-Inch CMOS Digital Image Sensor
AR0330 Data Sheet, Rev. U
For the latest data sheet, please visit www.onsemi.com
Features
• 2.2 µm pixel with ON Semiconductor A-Pix™
technology
• Full HD support at 60 fps (2304H x 1296V) for
maximum video performance
• Superior low-light performance
• 3.4Mp (3:2) and 3.15 Mp (4:3)still images
• Support for external mechanical shutter
• Support for external LED or Xenon flash
• Data interfaces: four-lane serial high-speed pixel
interface (HiSPi™) differential signaling (SLVS),
four-lane serial MIPI interface, or parallel.
• On-chip phase-locked loop (PLL) oscillator
• Simple two-wire serial interface
• Auto black level calibration
• 12-to-10 bit output A-Law compression
• Slave mode for precise frame-rate control and for
synchronizing two sensors
Applications
• 1080p high-definition digital video camcorder
• Web cameras and video conferencing cameras
•Security
General Description
The ON Semiconductor AR0330 is a 1/3-inch CMOS
digital image sensor with an active-pixel array of
2304Hx1536V. It can support 3.15 megapixel (2048H x
1536V) digital still image capture and a
1080p60+20%EIS (2304H x 1296V) digital video mode.
It incorporates sophisticated on-chip camera func-
tions such as windowing, mirroring, column and row
subsampling modes, and snapshot modes.
Table 1:
Key Parameters
Parameter
Typical Value
Optical format
1/3-inch (6.0 mm)
Entire Array: 6.09 mm
Still Image: 5.63 mm (4:3)
HD Image: 5.82 mm (16:9)
Active pixels
2304(H) x 1536(V): (entire array):
5.07 mm (H) x 3.38 mm (V)
2048(H) x 1536(V) (4:3, still
mode)
2304(H) x 1296(V) (16:9, sHD
mode)
Pixel size
2.2 m x 2.2m
Color filter array
RGB Bayer
Shutter type
ERS and GRR
Input clock range
6 – 27 MHz
Output clock maximum
196 Mp/s (4-lane HiSPi or MIPI)
Output
Video
4-lane HiSPi
2304 x 1296 at 60 fps
< 450 mW (Vcm 0.2V, 198MP/s)
230 x 1296 at 30 fps
< 300 mW (VCM 0.2V, 98 Mp/s)
Responsivity
2.0 V/lux-sec
SNRMAX
39 dB
Dynamic range
69.5 dB
Supply
voltage
I/O/Digital
1.7–1.9 V (1.8 V nominal) or
2.4–3.1 V (2.8 V nominal)
Digital
1.7–1.9 V (1.8 V nominal)
Analog
2.7–2.9 V
HiSPi PHY
1.7–1.9 V (1.8 V nominal)
HiSPi I/O (SLVS)
0.3–0.9 V (0.4 or 0.8 V nominal)
HiSPi I/O
(HiVCM)
1.7–1.9 V (1.8 V nominal)
Operating temperature
( junction) -TJ
–30°C to + 70° C
Package options
11.4 mm x 11.4 mm CLCC
6.28 mm x 6.65 mm CSP
Bare die


Similar Part No. - AR0330

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0330CM ONSEMI-AR0330CM Datasheet
501Kb / 53P
1/3?릋nch CMOS Digital Image Sensor
March, 2017 ??Rev. 18
AR0330CM1C00SHAA0-DP ONSEMI-AR0330CM1C00SHAA0-DP Datasheet
501Kb / 53P
1/3?릋nch CMOS Digital Image Sensor
March, 2017 ??Rev. 18
AR0330CM1C00SHAA0-DR ONSEMI-AR0330CM1C00SHAA0-DR Datasheet
501Kb / 53P
1/3?릋nch CMOS Digital Image Sensor
March, 2017 ??Rev. 18
AR0330CM1C00SHAA0-TP ONSEMI-AR0330CM1C00SHAA0-TP Datasheet
501Kb / 53P
1/3?릋nch CMOS Digital Image Sensor
March, 2017 ??Rev. 18
AR0330CM1C00SHKA0-CP ONSEMI-AR0330CM1C00SHKA0-CP Datasheet
501Kb / 53P
1/3?릋nch CMOS Digital Image Sensor
March, 2017 ??Rev. 18
More results

Similar Description - AR0330

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0130 ONSEMI-AR0130 Datasheet
1Mb / 53P
CMOS Digital Image Sensor
Rev. L Pub. 6/15 EN
MT9D015 ONSEMI-MT9D015 Datasheet
1Mb / 75P
CMOS Digital Image Sensor
Rev. M Pub. 4/15 EN
MT9D115 ONSEMI-MT9D115 Datasheet
1Mb / 66P
CMOS Digital Image Sensor
Rev. E Pub. 4/15 EN
MT9F002 ONSEMI-MT9F002 Datasheet
2Mb / 93P
CMOS Digital Image Sensor
Rev. H Pub. 6/15 EN
MT9M021 ONSEMI-MT9M021 Datasheet
866Kb / 34P
CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M024 ONSEMI-MT9M024 Datasheet
1Mb / 65P
CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M131 ONSEMI-MT9M131 Datasheet
1Mb / 69P
CMOS Digital Image Sensor
Rev. H 5/15 EN
MT9P001 ONSEMI-MT9P001 Datasheet
1Mb / 48P
CMOS Digital Image Sensor
Rev. L 4/15 EN
MT9P006 ONSEMI-MT9P006 Datasheet
1Mb / 47P
CMOS Digital Image Sensor
Rev. E Pub. 5/15 EN
AR0833 ONSEMI-AR0833_17 Datasheet
410Kb / 43P
CMOS Digital Image Sensor
March, 2017 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com