Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0330 Datasheet(PDF) 27 Page - ON Semiconductor

Part # AR0330
Description  CMOS Digital Image Sensor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0330 Datasheet(HTML) 27 Page - ON Semiconductor

Back Button AR0330 Datasheet HTML 23Page - ON Semiconductor AR0330 Datasheet HTML 24Page - ON Semiconductor AR0330 Datasheet HTML 25Page - ON Semiconductor AR0330 Datasheet HTML 26Page - ON Semiconductor AR0330 Datasheet HTML 27Page - ON Semiconductor AR0330 Datasheet HTML 28Page - ON Semiconductor AR0330 Datasheet HTML 29Page - ON Semiconductor AR0330 Datasheet HTML 30Page - ON Semiconductor AR0330 Datasheet HTML 31Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 77 page
background image
AR0330_DS Rev. U Pub. 4/15 EN
27
©Semiconductor Components Industries, LLC,2015.
AR0330: 1/3-Inch CMOS Digital Image Sensor
HiSPi Transmitter
Figure 10:
Single-Ended and Differential Signals
Figure 11:
DC Test Circuit
VOD (m)= |Voa (m)-Vob (m) | where 'm' is either “1” for logic 1 or “0” for logic 0
(EQ 1)
(EQ 2)
(EQ 3)
V
OD = |VOD (1)-VOD (0) |
(EQ 4)
Voa
Vob
Single-
- ended signals
D ifferential signal
V OD =
|Voa –Vob|
VOD =
|Vob –Voa|
VCM = (Voa + Vob)/2
VOD
0V
80%
20%
V OD_A C
Vdiff_pkpk
Vdiff
V
V
50
Ω
50
Ω
Voa
Vob
V CM
V
OD
V
OD 1
 V
OD 0

+
2
--------------------------------------------
=
V
diff
V
OD 1
 V
OD 0

+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com