Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0330 Datasheet(PDF) 18 Page - ON Semiconductor

Part # AR0330
Description  CMOS Digital Image Sensor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0330 Datasheet(HTML) 18 Page - ON Semiconductor

Back Button AR0330 Datasheet HTML 14Page - ON Semiconductor AR0330 Datasheet HTML 15Page - ON Semiconductor AR0330 Datasheet HTML 16Page - ON Semiconductor AR0330 Datasheet HTML 17Page - ON Semiconductor AR0330 Datasheet HTML 18Page - ON Semiconductor AR0330 Datasheet HTML 19Page - ON Semiconductor AR0330 Datasheet HTML 20Page - ON Semiconductor AR0330 Datasheet HTML 21Page - ON Semiconductor AR0330 Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 77 page
background image
AR0330_DS Rev. U Pub. 4/15 EN
18
©Semiconductor Components Industries, LLC,2015.
AR0330: 1/3-Inch CMOS Digital Image Sensor
Electrical Characteristics
Electrical Characteristics
Table 9:
DC Electrical Definitions and Characteristics (MIPI Mode)
fEXTCLK = 24 MHz; VDD = 1.8V; VDD_IO = 1.8V; VAA = 2.8V; VAA_PIX = 2.8V; VDD_PLL = 2.8V;
Output load = 68.5pF; TJ = 60°C; Data Rate =588 Mbps; 2304x1296 at 60 fps
Definition
Symbol
Min
Typ
Max
Unit
Core digital voltage
VDD
1.7
1.8
1.9
V
I/O digital voltage
VDD_IO
1.7
1.8
1.9
V
2.4
2.8
3.1
V
Analog voltage
VAA
2.7
2.8
2.9
V
Pixel supply voltage
VAA_PIX
2.7
2.8
2.9
V
PLL supply voltage
VDD_PLL
2.7
2.8
2.9
V
MIPI supply voltage
VDD_MIPI
2.7
2.8
2.9
V
Digital operating current
I(VDD)
114
136
mA
I/O digital operating current
I(VDD_IO)
0
0
mA
Analog operating current
I(VAA)41
53
mA
Pixel supply current
I(VAA_PIX)
9.9
12
mA
PLL supply current
I(VDD_PLL)
15
27
mA
MIPI digital operating current
I(VDD_MIPI)
35
49
mA
Table 10:
DC Electrical Definitions and Characteristics (HiSPi Mode)
fEXTCLK = 24 MHz; VDD = 1.8V; VDD_IO = 1.8V; VAA = 2.8V; VAA_PIX = 2.8V; VDD_PLL = 2.8V; VDD_HiSPi =
1.8V, VDD_HiSPi_TX = 0.4V; Output load = 68.5pF; TJ = 60°C;
Data Rate =588 Mbps; DLL set to 0; 2304x1296 at 60 fps
Definition
Symbol
Min
Typ
Max
Unit
Core digital voltage
VDD
1.7
1.8
1.9
V
I/O digital voltage
VDD_IO
1.7
1.8
1.9
V
2.4
2.8
3.1
V
Analog voltage
VAA
2.7
2.8
2.9
V
Pixel supply voltage
VAA_PIX
2.7
2.8
2.9
V
PLL supply voltage
VDD_PLL
2.7
2.8
2.9
V
HiSPi digital voltage
VDD_HiSPi
1.7
1.8
1.9
V
HiSPi I/O digital voltage
VDD_HiSPi_TX
0.3
0.4
0.9
V
1.7
1.8
1.9
V
Digital operating current
I(VDD)
96.3
137
mA
I/O digital operating current
I(VDD_IO)
0
0
mA
Analog operating current
I(VAA)45.1
53
mA
Pixel supply current
I(VAA_PIX)
10.5
12
mA
PLL supply current
I(VDD_PLL)
6.4
11
mA
HiSPi digital operating current
I(VDD_HiSPi)
21.8
36
mA
HiSPi I/O digital operating current
I(VDD_HiSPi_TX)
22.3
40
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com