Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0330 Datasheet(PDF) 36 Page - ON Semiconductor

Part # AR0330
Description  CMOS Digital Image Sensor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0330 Datasheet(HTML) 36 Page - ON Semiconductor

Back Button AR0330 Datasheet HTML 32Page - ON Semiconductor AR0330 Datasheet HTML 33Page - ON Semiconductor AR0330 Datasheet HTML 34Page - ON Semiconductor AR0330 Datasheet HTML 35Page - ON Semiconductor AR0330 Datasheet HTML 36Page - ON Semiconductor AR0330 Datasheet HTML 37Page - ON Semiconductor AR0330 Datasheet HTML 38Page - ON Semiconductor AR0330 Datasheet HTML 39Page - ON Semiconductor AR0330 Datasheet HTML 40Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 77 page
background image
AR0330_DS Rev. U Pub. 4/15 EN
36
©Semiconductor Components Industries, LLC,2015.
AR0330: 1/3-Inch CMOS Digital Image Sensor
Pixel Output Interfaces
Pixel Output Interfaces
Parallel Interface
The parallel pixel data interface uses these output-only signals:
•FV
•LV
•PIXCLK
•DOUT[11:0]
The parallel pixel data interface is disabled by default at power up and after reset. It can
be enabled by programming R0x301A. Table 30 on page 36 shows the recommended
settings.
When the parallel pixel data interface is in use, the serial data output signals can be left
unconnected. Set reset_register[12] to disable the serializer while in parallel output
mode.
Output Enable Control
When the parallel pixel data interface is enabled, its signals can be switched asynchro-
nously between the driven and High-Z under pin or register control, as shown in
Table 29. OE_BAR pin is only available on the bare die version.
Configuration of the Pixel Data Interface
Fields in R0x301A are used to configure the operation of the pixel data interface. The
supported combinations are shown in Table 30.
Table 29:
Output Enable Control
OE_BAR Pin
Drive Signals R0x301A–B[6]
Description
Disabled
0
Interface High-Z
Disabled
1
Interface driven
1
0
Interface High-Z
X1
Interface driven
0X
Interface driven
Table 30:
Configuration of the Pixel Data Interface
Serializer
Disable
R0x301
A–B[12]
Parallel
Enable
R0x301A–B[7]
Standby
End-of-Frame
R0x301A–B[4]
Description
0
0
1
Power up default.
Serial pixel data interface and its clocks are enabled. Transitions to soft
standby are synchronized to the end of frames on the serial pixel data
interface.
1
1
0
Parallel pixel data interface, sensor core data output. Serial pixel data
interface and its clocks disabled to save power. Transitions to soft standby
are synchronized to the end of the current row readout on the parallel pixel
data interface.
1
1
1
Parallel pixel data interface, sensor core data output. Serial pixel data
interface and its clocks disabled to save power. Transitions to soft standby
are synchronized to the end of frames in the parallel pixel data interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com