Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0330 Datasheet(PDF) 63 Page - ON Semiconductor

Part # AR0330
Description  CMOS Digital Image Sensor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0330 Datasheet(HTML) 63 Page - ON Semiconductor

Back Button AR0330 Datasheet HTML 59Page - ON Semiconductor AR0330 Datasheet HTML 60Page - ON Semiconductor AR0330 Datasheet HTML 61Page - ON Semiconductor AR0330 Datasheet HTML 62Page - ON Semiconductor AR0330 Datasheet HTML 63Page - ON Semiconductor AR0330 Datasheet HTML 64Page - ON Semiconductor AR0330 Datasheet HTML 65Page - ON Semiconductor AR0330 Datasheet HTML 66Page - ON Semiconductor AR0330 Datasheet HTML 67Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 77 page
background image
AR0330_DS Rev. U Pub. 4/15 EN
63
©Semiconductor Components Industries, LLC,2015.
AR0330: 1/3-Inch CMOS Digital Image Sensor
Two-Wire Serial Register Interface
Sequential READ, Start From Random Location
This sequence (Figure 44) starts in the same way as the single READ from random loca-
tion (Figure 42). Instead of generating a no-acknowledge bit after the first byte of data
has been transferred, the master generates an acknowledge bit and continues to
perform byte READs until “L” bytes have been read.
Figure 44:
Sequential READ, Start From Random Location
Sequential READ, Start From Current Location
This sequence (Figure 45) starts in the same way as the single READ from current loca-
tion (Figure 43 on page 62). Instead of generating a no-acknowledge bit after the first
byte of data has been transferred, the master generates an acknowledge bit and
continues to perform byte READs until “L” bytes have been read.
Figure 45:
Sequential READ, Start From Current Location
Single WRITE to Random Location
This sequence (Figure 46) begins with the master generating a start condition. The slave
address/data direction byte signals a WRITE and is followed by the HIGH then LOW
bytes of the register address that is to be written. The master follows this with the byte of
write data. The WRITE is terminated by the master generating a stop condition.
Figure 46:
Single WRITE to Random Location
Slave Address
0
S
Sr
A Reg Address[15:8]
Read Data
Read Data
A
Reg Address[7:0] A
Read Data
Slave Address
Previous Reg Address, N
Reg Address, M
M+1
M+2
M+1
M+3
A
1
Read Data
Read Data
M+L-2
M+L-1
M+L
A P
A
A
A
A
Read Data
Read Data
Previous Reg Address, N
N+1
N+2
N+L-1
N+L
Read Data
Slave Address
A
1
Read Data
A P
S
A
A
A
Slave Address
0
S
A Reg Address[15:8]
A
Reg Address[7:0]
A
P
Previous Reg Address, N
Reg Address, M
M+1
A
A
Write Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com