Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0330 Datasheet(PDF) 53 Page - ON Semiconductor

Part # AR0330
Description  CMOS Digital Image Sensor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0330 Datasheet(HTML) 53 Page - ON Semiconductor

Back Button AR0330 Datasheet HTML 49Page - ON Semiconductor AR0330 Datasheet HTML 50Page - ON Semiconductor AR0330 Datasheet HTML 51Page - ON Semiconductor AR0330 Datasheet HTML 52Page - ON Semiconductor AR0330 Datasheet HTML 53Page - ON Semiconductor AR0330 Datasheet HTML 54Page - ON Semiconductor AR0330 Datasheet HTML 55Page - ON Semiconductor AR0330 Datasheet HTML 56Page - ON Semiconductor AR0330 Datasheet HTML 57Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 77 page
background image
AR0330_DS Rev. U Pub. 4/15 EN
53
©Semiconductor Components Industries, LLC,2015.
AR0330: 1/3-Inch CMOS Digital Image Sensor
Slave Mode
Slave Mode
The slave mode feature of the AR0330 supports triggering the start of a frame readout
from a VD signal that is supplied from an external ASIC. The slave mode signal allows for
precise control of frame rate and register change updates. The VD signal is input to the
trigger pin. Both the GPI_EN (R0x301A[8]) and the SLAVE_MODE (R0x30CE[4]) bits must
be set to “1” to enable the slave mode.
Figure 36:
Slave Mode Active State and Vertical Blanking
If the slave mode is disabled, the new frame will begin after the extra delay period is
finished.
The slave mode will react to the rising edge of the input VD signal if it is in an active state.
When the VD signal is received, the sensor will begin the frame readout and the slave
mode will remain inactive for the period of one frame time minus 16 clock periods
(TFRAME - (16 / CLK_PIX)). After this period, the slave mode will re-enter the active state
and will respond to the VD signal.
Start of frame N
End of frame N
Start of frame N + 1
Frame Valid
OB Rows (2, 4, or 8 rows)
Embedded Data Row (2 rows)
Active Data Rows
Blank Rows (2 rows)
Extra Vertical Blanking
(frame_length_lines - min_frame_length_lines)
VD Signal
Slave Mode Active State
The period between the
rising edge of the VD signal
and the slave mode ready
state is T
FRAME - 16 clocks.
Extra Delay (clocks)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com