Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0330 Datasheet(PDF) 11 Page - ON Semiconductor

Part # AR0330
Description  CMOS Digital Image Sensor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0330 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button AR0330 Datasheet HTML 7Page - ON Semiconductor AR0330 Datasheet HTML 8Page - ON Semiconductor AR0330 Datasheet HTML 9Page - ON Semiconductor AR0330 Datasheet HTML 10Page - ON Semiconductor AR0330 Datasheet HTML 11Page - ON Semiconductor AR0330 Datasheet HTML 12Page - ON Semiconductor AR0330 Datasheet HTML 13Page - ON Semiconductor AR0330 Datasheet HTML 14Page - ON Semiconductor AR0330 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 77 page
background image
AR0330_DS Rev. U Pub. 4/15 EN
11
©Semiconductor Components Industries, LLC,2015.
AR0330: 1/3-Inch CMOS Digital Image Sensor
HiSPi Power Supply Connections
HiSPi Power Supply Connections
The HiSPi interface requires two power supplies. The VDD_HiSPi powers the digital logic
while the VDD_HiSPi _TX powers the output drivers. The digital logic supply is a nominal
1.8V and ranges from 1.7 to 1.9V. The HiSPi drivers can receive a supply voltage of 0.4 to
0.8V or 1.7 to 1.9V.
The common mode voltage is derived as half of the VDD_HiSPi _TX supply. Two settings
are available for the output common mode voltage:
1. SLVS mode. The VDD_HiSPi_Tx supply must be in the range of 0.4 to 0.8V and the
high_vcm register bit R0x306E[9] must be set to “0”. The output common mode volt-
age will be in the range of 0.2 to 0.4V.
2. HiVCM mode. The VDD_HiSPi_Tx supply must be in the range of 1.7 to 1.9V and the
high_vcm register bit R0x306E[9] must be set to “1”. The output common mode volt-
age will be in the range of 0.76 to 1.07V.
Two prior naming conventions have also been used with the VDD_HiSPi and
VDD_HiSPi _TX pins:
1. Digital logic supply was named VDD_SLVS while the driver supply was named
VDD_SLVS_TX.
2. Digital logic supply was named VDD_PHY while the driver supply was named
VDD_SLVS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com