Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0330 Datasheet(PDF) 34 Page - ON Semiconductor

Part # AR0330
Description  CMOS Digital Image Sensor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0330 Datasheet(HTML) 34 Page - ON Semiconductor

Back Button AR0330 Datasheet HTML 30Page - ON Semiconductor AR0330 Datasheet HTML 31Page - ON Semiconductor AR0330 Datasheet HTML 32Page - ON Semiconductor AR0330 Datasheet HTML 33Page - ON Semiconductor AR0330 Datasheet HTML 34Page - ON Semiconductor AR0330 Datasheet HTML 35Page - ON Semiconductor AR0330 Datasheet HTML 36Page - ON Semiconductor AR0330 Datasheet HTML 37Page - ON Semiconductor AR0330 Datasheet HTML 38Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 77 page
background image
AR0330_DS Rev. U Pub. 4/15 EN
34
©Semiconductor Components Industries, LLC,2015.
AR0330: 1/3-Inch CMOS Digital Image Sensor
Sensor PLL
Serial PLL Configuration
Figure 20:
PLL for the Serial Interface
The sensor will use op_sys_clk_div and op_pix_clk_div to configure the output clock per
lane (CLK_OP). The configuration will depend on the number of active lanes (1, 2, or 4)
configured. To configure the sensor protocol and number of lanes, refer to “Serial
Configuration” on page 40.
Table 25:
PLL Parameters for the Parallel Interface
Parameter
Symbol
Min
Max
Unit
External Clock
EXTCLK
6
27
MHz
VCO Clock
FVCO
384
768
MHz
Readout Clock
CLK_PIX
49
Mpixel/s
Output Clock
CLK_OP
98
Mpixel/s
Table 26:
Example PLL Configuration for the Parallel Interface
Parameter
Value
Output
FVCO
588 MHz (Max)
vt_sys_clk_div
1
vt_pix_clk_div
6
CLK_PIX
49 Mpixel/s (= 588 MHz / 12)
CLK_OP
98 Mpixel/s (= 588 MHz / 6)
Output pixel rate
98 MPixel/s
pre_pll_clk_div
2(1-64)
pll_multiplier
58(32-384)
vt_sys_clk_div
1(1, 2, 4, 6, 8,
10, 12, 14, 16)
vt_pix_clk_div
6(4-16)
EXTCLK
6-27 MHz
CLK_PIX
CLK_OP
Fvco
op_sys_clk_div
Constant - 1
op_pix_clk_div
12(8, 10, 12)
1/2
Fvco
FSERIAL
FSERIAL_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com