Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0330 Datasheet(PDF) 44 Page - ON Semiconductor

Part # AR0330
Description  CMOS Digital Image Sensor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0330 Datasheet(HTML) 44 Page - ON Semiconductor

Back Button AR0330 Datasheet HTML 40Page - ON Semiconductor AR0330 Datasheet HTML 41Page - ON Semiconductor AR0330 Datasheet HTML 42Page - ON Semiconductor AR0330 Datasheet HTML 43Page - ON Semiconductor AR0330 Datasheet HTML 44Page - ON Semiconductor AR0330 Datasheet HTML 45Page - ON Semiconductor AR0330 Datasheet HTML 46Page - ON Semiconductor AR0330 Datasheet HTML 47Page - ON Semiconductor AR0330 Datasheet HTML 48Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 77 page
background image
AR0330_DS Rev. U Pub. 4/15 EN
44
©Semiconductor Components Industries, LLC,2015.
AR0330: 1/3-Inch CMOS Digital Image Sensor
Gain Stages
Gain Stages
The analog gain stages of the AR0330 sensor are shown in Figure 30. The sensor analog
gain stage consists of column amplifiers and a variable ADC reference. The sensor will
apply the same analog gain to each color channel. Digital gain can be configured to
separate levels for each color channel.
Figure 30:
Gain Stages in AR0330 Sensor
The level of analog gain applied is controlled by the coarse_gain and fine_gain registers.
The analog readout can be configured differently for each gain level. The recommended
gain tables are listed in Table 32. It is recommended that these registers are configured
before streaming images.
Table 32:
Recommended Sensor Analog Gain Tables
COARSE_GAIN
FINE_GAIN
Total Gain
COARSE_GAIN
FINE_GAIN
Total Gain
R0x3060[
5:4]
Gain
(x)
R0x3060
[3:0]
Gain
(x)
(x)
(dB)
R0x3060[
5:4]
Gain
(x)
R0x3060
[3:0]
Gain
(x)
(x)
(dB)
0
1
0
1.00
1.00
0.00
0
1x
15
1.88
1.88
5.49
0
1
1
1.03
1.03
0.26
1
2x
0
1.00
2.00
6.00
0
1
2
1.07
1.07
0.56
1
2x
2
1.07
2.13
6.58
0
1
3
1.10
1.10
0.86
1
2x
4
1.14
2.29
7.18
0
1
4
1.14
1.14
1.16
1
2x
6
1.23
2.46
7.82
0
1
5
1.19
1.19
1.46
1
2x
8
1.33
2.67
8.52
0
1
6
1.23
1.23
1.80
1
2x
10
1.45
2.91
9.28
0
1
7
1.28
1.28
2.14
1
2x
12
1.60
3.20
10.10
0
1
8
1.33
1.33
2.50
1
2x
14
1.78
3.56
11.02
0
1
9
1.39
1.39
2.87
2
4x
0
1.00
4.00
12.00
0
1
10
1.45
1.45
3.25
2
4x
4
1.14
4.57
13.20
0
1
11
1.52
1.52
3.66
2
4x
8
1.33
5.33
14.54
0
1
12
1.60
1.60
4.08
2
4x
12
1.60
6.40
16.12
0
1
13
1.68
1.68
4.53
3
8x
0
1.00
8.00
18.00
0
1
14
1.78
1.78
5.00
ADC
Reference
Digital Gain
with Dithering
Coarse Gain:
1x, 2x, 4x, 8x
Fine Gain:
1-2x: 16 steps
2-4x: 8 steps
4-8x: 4 steps
1x to 15.992x
(128 steps per 6dB)
“xxxx.Yyyy”
xxxx(15-0)
yyyyyyy( 127/128 to 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com