Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM342-RTR Datasheet(PDF) 115 Page - Silicon Laboratories

Part # EM342-RTR
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM342-RTR Datasheet(HTML) 115 Page - Silicon Laboratories

Back Button EM342-RTR Datasheet HTML 111Page - Silicon Laboratories EM342-RTR Datasheet HTML 112Page - Silicon Laboratories EM342-RTR Datasheet HTML 113Page - Silicon Laboratories EM342-RTR Datasheet HTML 114Page - Silicon Laboratories EM342-RTR Datasheet HTML 115Page - Silicon Laboratories EM342-RTR Datasheet HTML 116Page - Silicon Laboratories EM342-RTR Datasheet HTML 117Page - Silicon Laboratories EM342-RTR Datasheet HTML 118Page - Silicon Laboratories EM342-RTR Datasheet HTML 119Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 143 page
background image
EM342
Rev 1.0
115
12. Data Watchpoint and Trace (DWT)
The EM342 integrates the standard ARM® Data Watchpoint and Trace (DWT). The DWT provides hardware
support for profiling and debugging functionality. The DWT offers the following features:

PC sampling

Comparators to support:

Watchpoints - enters debug state

Data tracing

Cycle count matched PC sampling

Exception trace support

Instruction cycle count calculation support
Apart from exception tracing, DWT functionality is counter- or comparator-based. Watchpoint and data trace
support use a set of compare, mask, and function registers. DWT-generated events result in one of two actions:

Generation of a hardware event packet. Packets are generated and combined with software events and
timestamp packets for transmission through the ITM/TPIU.

A core halt - entry to debug state.
When exception tracing is enabled, the DWT emits an exception trace packet under the following conditions:

Exception entry (from thread mode or pre-emption of a thread or handler).

Exception exit when exiting a handler.

Exception return when reentering a preempted thread or handler code sequence.
The DWT is designed for use with advanced profiling and debug tools, available from multiple vendors. Altering
DWT configuration may conflict with the operation of advanced profiling and debug tools.
For further information on the DWT, contact Silicon Labs support for the ARM® CortexTM-M3 Technical Reference
Manual, the ARM® CoreSight™ Components Technical Reference Manual, the ARM® v7-M Architecture
Reference Manual, and the ARM® v7-M Architecture Application Level Reference Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com