Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM342-RTR Datasheet(PDF) 117 Page - Silicon Laboratories

Part # EM342-RTR
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM342-RTR Datasheet(HTML) 117 Page - Silicon Laboratories

Back Button EM342-RTR Datasheet HTML 113Page - Silicon Laboratories EM342-RTR Datasheet HTML 114Page - Silicon Laboratories EM342-RTR Datasheet HTML 115Page - Silicon Laboratories EM342-RTR Datasheet HTML 116Page - Silicon Laboratories EM342-RTR Datasheet HTML 117Page - Silicon Laboratories EM342-RTR Datasheet HTML 118Page - Silicon Laboratories EM342-RTR Datasheet HTML 119Page - Silicon Laboratories EM342-RTR Datasheet HTML 120Page - Silicon Laboratories EM342-RTR Datasheet HTML 121Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 143 page
background image
EM342
Rev 1.0
117
14. Integrated Voltage Regulator
The EM342 integrates two low dropout regulators to provide 1.8 V and 1.25 V power supplies as detailed in
Table 14.1. The 1V8 regulator supplies the analog and memories, and the 1V25 regulator supplies the digital core.
In deep sleep, the voltage regulators are disabled.
When enabled, the 1V8 regulator steps down the pads supply voltage (VDD_PADS) from a nominal 3.0 V to 1.8 V.
The regulator output pin (VREG_OUT) must be decoupled externally with a suitable capacitor. VREG_OUT should
be connected to the 1.8 V supply pins VDDA, VDD_RF, VDD_VCO, VDD_SYNTH, VDD_IF, and VDD_MEM. The
1V8 regulator can supply a maximum of 50 mA.
When enabled, the 1V25 regulator steps down VDD_PADS to 1.25 V. The regulator output pin (VDD_CORE, Pin
17) must be decoupled externally with a suitable capacitor. It should connect to the other VDD_CORE pin (Pin 44).
The 1V25 regulator can supply a maximum of 10 mA.
The regulators are controlled by the digital portion of the chip as described in "6. System Modules" on page 33.
An example of decoupling capacitors and PCB layout can be found in the application notes (see the various Ember
EM35x reference design documentation).
Table 14.1. Integrated Voltage Regulator Specifications
Spec Point
Min
Typ
Max
Units
Comments
Supply range for regulator
2.1
3.6
V
VDD_PADS
1V8 regulator output
–5%
1.8
+5%
V
Regulator output after initialization
1V8 regulator output after
reset
–5%
1.75
+5%
Regulator output after reset
1V25 regulator output
–5%
1.25
+5%
V
Regulator output after initialization
1V25 regulator output after
reset
–5%
1.45
+5%
Regulator output after reset
1V8 regulator capacitor
2.2
µF
Low ESR tantalum capacitor
ESR greater than 2
ESR less than 10
de-coupling less than 100 nF ceramic
1V25 regulator capacitor
1.0
µF
Ceramic capacitor (0603)
1V8 regulator output current
0
50
mA
Regulator output current
1V25 regulator output
current
0
10
mA
Regulator output current
No load current
600
µA
No load current (bandgap and regulators)
1V8 regulator current limit
200
mA
Short circuit current limit
1V25 regulator current limit
25
mA
Short circuit current limit
1V8 regulator start-up time
50
µs
0 V to POR threshold
2.2 µF capacitor
1V25 regulator start-up time
50
µs
0 V to POR threshold
1.0 µF capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com