Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM342-RTR Datasheet(PDF) 126 Page - Silicon Laboratories

Part # EM342-RTR
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM342-RTR Datasheet(HTML) 126 Page - Silicon Laboratories

Back Button EM342-RTR Datasheet HTML 122Page - Silicon Laboratories EM342-RTR Datasheet HTML 123Page - Silicon Laboratories EM342-RTR Datasheet HTML 124Page - Silicon Laboratories EM342-RTR Datasheet HTML 125Page - Silicon Laboratories EM342-RTR Datasheet HTML 126Page - Silicon Laboratories EM342-RTR Datasheet HTML 127Page - Silicon Laboratories EM342-RTR Datasheet HTML 128Page - Silicon Laboratories EM342-RTR Datasheet HTML 129Page - Silicon Laboratories EM342-RTR Datasheet HTML 130Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 143 page
background image
EM342
126
Rev 1.0
38
PC1
I/O
Digital I/O
SWO
(see also Pin 33)
O
Serial Wire Output asynchronous trace output to debugger
Select asynchronous trace interface in ARM core
Enable trace interface in ARM core
Select alternate output function with GPIO_PCCFGL[7:4]
TRACEDATA0
O
Synchronous CPU trace data bit 0
Select 1-, 2- or 4-wire synchronous trace interface in ARM core
Enable trace interface in ARM core
Select alternate output function with GPIO_PCCFGL[7:4]
39
VDD_MEM
Power
1.8 V supply (flash, RAM)
40
PC0
I/O
High
current
Digital I/O
Either enable with GPIO_DBGCFG[5],
or enable Serial Wire mode (see JTMS description, Pin 35) and disable
TRACEDATA1
JRST
I
JTAG reset input from debugger
Selected when in JTAG mode (default mode, see JTMS description) and
TRACEDATA1 is disabled
Internal pull-up is enabled
IRQD
I
Default external interrupt source D.
IRQC and IRQD external interrupts can be mapped to any digital I/O pin
using the GPIO_IRQSEL and GPIO_IRQDSEL registers.
TRACEDATA1
O
Synchronous CPU trace data bit 1
Select 2- or 4-wire synchronous trace interface in ARM core
Enable trace interface in ARM core
Select alternate output function with GPIO_PCCFGL[3:0]
41
NC
Do not connect
42
NC
Do not connect
43
NC
Do not connect
44
VDD_CORE
Power
1.25 V digital core supply decoupling
45
VDD_PRE
Power
1.8 V prescaler supply
46
VDD_SYNTH
Power
1.8 V synthesizer supply
47
OSCB
I/O
24 MHz crystal oscillator or left open when using external clock input on
OSCA
Table 17.1. EM342 Pin Descriptions (Continued)
Pin #
Signal
Direction
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com