Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3320 Datasheet(PDF) 21 Page - Microchip Technology

Part # USB3320
Description  Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3320 Datasheet(HTML) 21 Page - Microchip Technology

Back Button USB3320 Datasheet HTML 17Page - Microchip Technology USB3320 Datasheet HTML 18Page - Microchip Technology USB3320 Datasheet HTML 19Page - Microchip Technology USB3320 Datasheet HTML 20Page - Microchip Technology USB3320 Datasheet HTML 21Page - Microchip Technology USB3320 Datasheet HTML 22Page - Microchip Technology USB3320 Datasheet HTML 23Page - Microchip Technology USB3320 Datasheet HTML 24Page - Microchip Technology USB3320 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
 2014-2015 Microchip Technology Inc.
DS00001792B-page 21
USB3320
In this mode, the REFCLK pin may be driven at the reference clock frequency. Alternatively, the internal oscillator may
be used with an external crystal or resonator as shown in Figure 5-4.
An example of ULPI Output Clock Mode is shown in Figure 8-1.
After the PLL has locked to the correct frequency, the USB3320 generates the 60MHz ULPI clock on the CLKOUT pin,
and de-asserts DIR to indicate that the PLL is locked. The USB3320 is ensured to start the clock within the time specified
in Table 4-2, and it will be accurate to within ±500ppm. For Host applications the ULPI AutoResume bit should be
enabled. This is described in Section 6.2.4.4.
When using ULPI Output Clock Mode, the edges of the reference clock do not need to be aligned in any way to the ULPI
interface signals; in other words, there is no need to align the phase of the REFCLK and the CLKOUT.
5.4.2
REFCLK AMPLITUDE
The reference clock is connected to the REFCLK pin as shown in the application diagrams, Figure 8-1, Figure 8-2 and
Figure 8-3. The REFCLK pin is designed to be driven with a square wave from 0V to VDD18, but can be driven with a
square wave from 0V to as high as 3.6V. The USB3320 uses only the positive edge of the REFCLK.
If a digital reference is not available, the REFCLK pin can be driven by an analog sine wave that is AC coupled into the
REFCLK
pin. If using an analog clock, the DC bias should be set at the mid-point of the VDD18 supply using a bias
circuit as shown in Figure 5-5. The amplitude must be greater than 300mV peak to peak. The component values pro-
vided in Figure 5-5 are for example only. The actual values should be selected to satisfy system requirements.
The REFCLK amplitude must comply with the signal amplitudes shown in Table 4-4 and the duty cycle in Table 4-2.
FIGURE 5-4:
ULPI OUTPUT CLOCK MODE
FIGURE 5-5:
EXAMPLE OF CIRCUIT USED TO SHIFT A REFERENCE CLOCK COMMON-
MODE VOLTAGE LEVEL
CLKOUT
REFCLK
PHY
From PLL
Link
ULPI Clk In
Resonator
Crystal
and Caps
- or -
XO
CLOAD
Internal
Oscillator
To PLL
Clock
0.1uF
VDD18
To REFCLK pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com