Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3320 Datasheet(PDF) 5 Page - Microchip Technology

Part # USB3320
Description  Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3320 Datasheet(HTML) 5 Page - Microchip Technology

  USB3320 Datasheet HTML 1Page - Microchip Technology USB3320 Datasheet HTML 2Page - Microchip Technology USB3320 Datasheet HTML 3Page - Microchip Technology USB3320 Datasheet HTML 4Page - Microchip Technology USB3320 Datasheet HTML 5Page - Microchip Technology USB3320 Datasheet HTML 6Page - Microchip Technology USB3320 Datasheet HTML 7Page - Microchip Technology USB3320 Datasheet HTML 8Page - Microchip Technology USB3320 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 70 page
background image
 2014-2015 Microchip Technology Inc.
DS00001792B-page 5
USB3320
The USB3320 includes an integrated 3.3V Low Drop Out (LDO) regulator that may optionally be used to generate 3.3V
from power applied at the VBAT pin. The voltage on the VBAT pin can range from 3.1 to 5.5V. The regulator dropout
voltage is less than 100mV which allows the transceiver to continue USB signaling when the voltage on VBAT drops to
3.1V. The USB transceiver will continue to operate at lower voltages, although some parameters may be outside the
limits of the USB specifications. If the user would like to provide a 3.3V supply to the USB3320, the VBAT and VDD33
pins should be connected together as described in Section 5.5.1.
The USB3320 also includes integrated pull-up resistors that can be used for detecting the attachment of a USB Charger.
By sensing the attachment to a USB Charger, a product using the USB3320 can charge its battery at more than the
500mA allowed when charging from a USB Host. Please see Microchip Application Note AN 19.7 - Battery Charging
Using Microchip USB Transceivers for more information on battery charging.
In USB UART mode, the USB3320 DP and DM pins are redefined to enable pass-through of asynchronous serial data.
The USB3320 can only enter UART mode when the user programs the part into this mode, as described in
Section 6.5.1.
In USB audio mode, a switch connects the DP pin to the SPK_R pin, and another switch connects he DM pin to the
SPK_L
pin. These switches are shown in the lower left-hand corner of Figure 5.1. The USB3320 can be configured to
enter USB audio mode as described in Section 6.5.2. In addition, these switches are on when the RESETB pin of the
USB3320 is asserted. The USB audio mode enables audio signaling from a single USB port of connection, and the
switches may also be used to connect Full Speed USB from another transceiver onto the USB cable.
1.2
Reference Documents
• Universal Serial Bus Specification, Revision 2.0, April 27, 2000
• On-The-Go Supplement to the USB 2.0 Specification, Revision 2.0, May 8, 2009
• USB Specification Revision 2.0 "Pull-up/pull-down resistors" ECN (27% Resistor ECN)
• USB 2.0 Transceiver Macrocell Interface (UTMI) Specification, Version 1.02, May 27, 2000
• UTMI+ Specification, Revision 1.0, February 25, 2004
• UTMI+ Low Pin Interface (ULPI) Specification, Revision 1.1, October 20th, 2004
• Technical Requirements and Test Methods of Charger and Interface for Mobile Telecommunication Terminal
Equipment (Chinese Charger Specification Approval Draft 11/29/2006)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com