Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3320 Datasheet(PDF) 24 Page - Microchip Technology

Part # USB3320
Description  Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3320 Datasheet(HTML) 24 Page - Microchip Technology

Back Button USB3320 Datasheet HTML 20Page - Microchip Technology USB3320 Datasheet HTML 21Page - Microchip Technology USB3320 Datasheet HTML 22Page - Microchip Technology USB3320 Datasheet HTML 23Page - Microchip Technology USB3320 Datasheet HTML 24Page - Microchip Technology USB3320 Datasheet HTML 25Page - Microchip Technology USB3320 Datasheet HTML 26Page - Microchip Technology USB3320 Datasheet HTML 27Page - Microchip Technology USB3320 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 70 page
background image
USB3320
DS00001792B-page 24
 2014-2015 Microchip Technology Inc.
The VBAT input must never be exposed to a voltage that exceeds VVBAT. (See Table 3-2)
5.5.2
POWER ON RESET (POR)
The USB3320 provides a POR circuit that generates an internal reset pulse after the VDD18 supply is stable. After the
internal POR goes high and the RESETB pin is high, the USB3320 will release from reset and begin normal ULPI oper-
ation as described in Section 5.5.4.
The ULPI registers will power up in their default state summarized in Table 7-1 when the 1.8V supply is brought up.
Cycling the 1.8 volt power supply will reset the ULPI registers to their default states. The RESETB pin can also be used
to reset the ULPI registers to their default state (and reset all internal state machines) by bringing the pin low for a min-
imum of 1 microsecond and then high.
The Link is not required to assert the RESETB pin. A pull-down resistor is not present on the RESETB pin and therefore
the Link must drive the RESETB pin to the desired state at all times (including system start-up) or connect the RESETB
pin to VDDIO.
5.5.3
RECOMMENDED POWER SUPPLY SEQUENCE
For USB operation the USB3320 requires the VBAT, VDD33, VDDIO and VDD18 supples. VBAT, VDD33, and VDD18
can be applied in any order. The VDD18 supply must be turned on and stable before the VDDIO supply is applied. This
does not apply in cases where the VDD18 and VDDIO supply pins are tied together.
When the VBAT supply is applied, the integrated regulator will automatically start-up and regulate VBAT to VDD33. If
the VDD33 supply is powered and the VDD18 supply is not powered, the 3.3V circuits are powered off and the VDD33
current will be limited as shown in Table 4-1.
The ULPI interface will start operating after the VDD18 and VDDIO supplies are applied and the RESETB pin is brought
high. The RESETB pin must be held low until the VDD18 and VDDIO supplies are stable. If the Link is not ready to
interface the USB3320, the Link may choose to hold the RESETB pin low until it is ready to control the ULPI interface.
FIGURE 5-8:
POWERING THE USB3320 FROM VBUS
TABLE 5-3:
OPERATING MODE VS. POWER SUPPLY CONFIGURATION
VDD33
VDD18
RESETB
Operating Modes Available
0
0
0
Powered Off
0
1
0
RESET Mode.
0
1
1
In this configuration the ULPI interface is available and can
be programed into all operating modes described in Section
6.0, "ULPI Operation". All USB signals will read 0.
1
0
X
In this mode the ULPI interface is not active and the circuits
powered from the VDD33 supply are turned off and the
current will be limited to the RESET Mode current. (Note 5-2)
VBUS
VDD33
VBAT
GND
LDO
PHY
To OTG
COUT
OVP
VBUS
To USB Con.
RVBUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com