Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3320 Datasheet(PDF) 57 Page - Microchip Technology

Part # USB3320
Description  Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3320 Datasheet(HTML) 57 Page - Microchip Technology

Back Button USB3320 Datasheet HTML 53Page - Microchip Technology USB3320 Datasheet HTML 54Page - Microchip Technology USB3320 Datasheet HTML 55Page - Microchip Technology USB3320 Datasheet HTML 56Page - Microchip Technology USB3320 Datasheet HTML 57Page - Microchip Technology USB3320 Datasheet HTML 58Page - Microchip Technology USB3320 Datasheet HTML 59Page - Microchip Technology USB3320 Datasheet HTML 60Page - Microchip Technology USB3320 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 70 page
background image
 2014-2015 Microchip Technology Inc.
DS00001792B-page 57
USB3320
Note 7-4
rd: Read Only with auto clear.
7.1.3.4
USB IO & Power Management
Address = 39-3Bh (read), 39h (write), 3Ah (set), 3Bh (clear)
RidIntEn
6
rd/w/s/c
0b
When enabled an interrupt will be generated on the
alt_int of the RXCMD byte when RidConversionDone
bit is asserted.
Note:
This register bit is or’ed with the RidIntEn bit
of the Carkit Interrupt Status register.
Reserved
7
rd
0b
Read only, 0.
Field Name
Bit
Access
Default
Description
Reserved
0
rd/w/s/c
0b
Read only, 0.
SwapDP/DM
1
rd/w/s/c
0b
When asserted, the DP and DM pins of the USB
transceiver are swapped. This bit can be used to
prevent crossing the DP/DM traces on the board. In
UART mode, it swaps the routing to the DP and DM
pins. In USB Audio Mode, it does not affect the SPK_L
and SPK_R pins.
UART RegOutput
3:2
rd/w/s/c
01b
Controls the output voltage of the VBAT to VDD33
regulator in UART mode. When the transceiver is
switched from USB mode to UART mode regulator
output will automatically change to the value specified
in this register when TxdEn is asserted.
00: 3.3V
01: 3.0V (default)
10: 2.75V
11: 2.5V
Note:
When in USB Audio Mode the regulator will
remain at 3.3V. When using this register it is
recommended that the Link exit UART mode
by using the RESETB pin.
ChargerPullupEnDP
4
rd/w/s/c
0b
Enables a Pull-up for USB Charger Detection when set
on the DP pin. (The pull-up is automatically enabled in
UART mode)
ChargerPullupEnDM
5
rd/w/s/c
0b
Enables a Pull-up for USB Charger Detection when set
on the DM pin. (The pull-up is automatically enabled in
UART mode)
USB RegOutput
7:6
rd/w/s/c
00b
Controls the output voltage of the VBAT to VDD33
regulator in USB mode. When the transceiver is in
Synchronous Mode, Serial Mode, or Low Power Mode,
the regulator output will be the value specified in this
register.
00: 3.3V (default)
01: 3.0V
10: 2.75V
11: 2.5V
Field Name
Bit
Access
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com