Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3320 Datasheet(PDF) 46 Page - Microchip Technology

Part # USB3320
Description  Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3320 Datasheet(HTML) 46 Page - Microchip Technology

Back Button USB3320 Datasheet HTML 42Page - Microchip Technology USB3320 Datasheet HTML 43Page - Microchip Technology USB3320 Datasheet HTML 44Page - Microchip Technology USB3320 Datasheet HTML 45Page - Microchip Technology USB3320 Datasheet HTML 46Page - Microchip Technology USB3320 Datasheet HTML 47Page - Microchip Technology USB3320 Datasheet HTML 48Page - Microchip Technology USB3320 Datasheet HTML 49Page - Microchip Technology USB3320 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 70 page
background image
USB3320
DS00001792B-page 46
 2014-2015 Microchip Technology Inc.
6.4.1
3PIN FS/LS SERIAL MODE
Three pin serial mode utilizes the data bus pins for the serial functions shown in Table 6-5.
6.4.2
6PIN FS/LS SERIAL MODE
Six pin serial mode utilizes the data bus pins for the serial functions shown in Table 6-6.
6.5
Carkit Mode
The USB3320 includes Carkit Mode to support a USB UART and USB Audio Mode.
By entering Carkit Mode, the USB3320 current drain is minimized. When operating in ULPI Input Clock Mode (60MHz
REFCLK Mode), the CLKOUT is stopped to conserve power by default. The Link may configure the 60MHz clock to
continue by setting the ClockSuspendM bit of the Interface Control register before entering Carkit Mode. If set, the 60
MHz clock will continue during the Carkit Mode of operation.
In Carkit Mode, interrupts are possible if they have been enabled in the Carkit Interrupt Enable register. The state of
each interrupt source is sampled prior to the assertion of DIR and this is compared against the asynchronous level from
interrupt source. In Carkit Mode, the Linestate signals are not available per the ULPI specification.
Exiting Carkit Mode is the same as exiting Low Power Mode as described in Section 6.3.2. The Link must assert STP
to signal the transceiver to exit serial mode. When the transceiver can accept a command, DIR is de-asserted and the
transceiver will wait until the Link de-asserts STP to resume synchronous ULPI operation. The RESETB pin can also
be pulsed low to reset the USB3320 and return it to Synchronous Mode.
6.5.1
USB UART MODE
The USB3320 can be placed into UART Mode by first setting the TxdEn and RxdEn bits in the Carkit Control register.
Then the Link can set the CarkitMode bit in the Interface Control register. The TxdEn and RxdEn bits must be written
before the CarkitMode bit.
TABLE 6-5:
PIN DEFINITIONS IN 3 PIN SERIAL MODE
Signal
Connected To
Direction
Description
tx_enable
DATA[0]
IN
Active High transmit enable.
data
DATA[1]
I/O
TX differential data on DP/DM when tx_enable is high.
RX differential data from DP/DM when tx_enable is low.
SE0
DATA[2]
I/O
TX SE0 on DP/DM when tx_enable is high.
RX SE0_b from DP/DM when tx_enable is low.
interrupt
DATA[3]
OUT
Asserted when any unmasked interrupt occurs. Active high.
Reserved
DATA[7:4]
OUT
Driven Low.
TABLE 6-6:
PIN DEFINITIONS IN 6 PIN SERIAL MODE
Signal
Connected To
Direction
Description
tx_enable
DATA[0]
IN
Active High transmit enable.
tx_data
DATA[1]
IN
Tx differential data on DP/DM when tx_enable is high.
tx_se0
DATA[2]
IN
Tx SE0 on DP/DM when tx_enable is high.
interrupt
DATA[3]
OUT
Asserted when any unmasked interrupt occurs. Active high.
rx_dp
DATA[4]
OUT
Single ended receive data on DP.
rx_dm
DATA[5]
OUT
Single ended receive data on DM.
rx_rcv
DATA[6]
OUT
Differential receive data from DP and DM.
Reserved
DATA[7]
OUT
Driven Low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com