Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3320 Datasheet(PDF) 39 Page - Microchip Technology

Part # USB3320
Description  Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3320 Datasheet(HTML) 39 Page - Microchip Technology

Back Button USB3320 Datasheet HTML 35Page - Microchip Technology USB3320 Datasheet HTML 36Page - Microchip Technology USB3320 Datasheet HTML 37Page - Microchip Technology USB3320 Datasheet HTML 38Page - Microchip Technology USB3320 Datasheet HTML 39Page - Microchip Technology USB3320 Datasheet HTML 40Page - Microchip Technology USB3320 Datasheet HTML 41Page - Microchip Technology USB3320 Datasheet HTML 42Page - Microchip Technology USB3320 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 70 page
background image
 2014-2015 Microchip Technology Inc.
DS00001792B-page 39
USB3320
If an RXCMD event occurs during a USB transmit, the RXCMD is blocked until STP de-asserts at the end of the transmit.
The RXCMD contains the status that is current at the time the RXCMD is sent.
Note 1:
An ‘X’ is a do not care and can be either a logic 0 or 1.
2:
The value of VbusValid is defined in Table 5-6.
Note 6-1
LineState: These bits in the RXCMD byte reflect the current state of the Full-Speed single ended
receivers. LineState[0] directly reflects the current state of DP. LineState[1] directly reflects the current
state of DM. When DP=DM=0 this is called "Single Ended Zero" (SE0). When DP=DM=1, this is
called "Single Ended One" (SE1).
6.2.4
USB3320 TRANSMITTER
The USB3320 ULPI transmitter fully supports HS, FS, and LS transmit operations. Figure 6-1 shows the high speed, full
speed, and low speed transmitter block controlled by ULPI Protocol Block. Encoding of the USB packet follows the bit-
stuffing and NRZI outlined in the USB 2.0 specification. Many of these functions are re-used between the HS and FS/LS
transmitters. When using the USB3320, Table 5-1 should always be used as a guideline on how to configure for various
modes of operation. The transmitter decodes the inputs of XcvrSelect[1:0], TermSelect, OpMode[1:0], DpPulldown, and
DmPulldown
to determine what operation is expected. Users must strictly adhere to the modes of operation given in
Table 5-1.
Several important functions for a device and host are designed into the transmitter blocks.
The USB3320 transmitter will transmit a 32-bit long high speed sync before every high speed packet. In full and low
speed modes a 8-bit sync is transmitted.
When the device or host needs to chirp for high speed port negotiation, the OpMode = 10b setting in the Function Con-
trol register will turn off the bit-stuffing and NRZI encoding in the transmitter. At the end of a chirp, the USB3320 OpMode
bits should be changed only after the RXCMD linestate encoding indicates that the transmitter has completed transmit-
ting. Should the opmode be switched to normal bit-stuffing and NRZI encoding before the transmit pipeline is empty, the
remaining data in the pipeline may be transmitted in an bit-stuff encoding format.
Please refer to the ULPI specification for a detailed discussion of USB reset and HS chirp.
TABLE 6-3:
ULPI RX CMD ENCODING
Data[7:0]
Name
Description and Value
[1:0]
Linestate
UTMI Linestate Signals Note 6-1
[3:2]
Encoded
VBUS State
ENCODED VBUS VOLTAGE STATES
VALUE
VBUS VOLTAGE
SESSEND
SESSVLD
VBUSVLD2
00
VVBUS < VSESS_END
10
0
01
VSESS_END < VVBUS <
VSESS_VLD
00
0
10
VSESS_VLD < VVBUS <
VVBUS_VLD
X1
0
11
VVBUS_VLD < VVBUS
XX
1
[5:4]
Rx Event
Encoding
ENCODED UTMI EVENT SIGNALS
VALUE
RXACTIVE
RXERROR
HOSTDISCONNECT
00
0
0
0
01
1
0
0
11
1
1
0
10
X
X
1
[6]
State of ID
pin
Set to the logic state of the ID pin. A logic low indicates an A device. A logic high
indicates a B device.
[7]
alt_int
Asserted when a non-USB interrupt occurs. This bit is set when an unmasked event
occurs on any bit in the Carkit Interrupt Latch register. The Link must read the Carkit
Interrupt Latch register to determine the source of the interrupt. Section 5.6.1.3
describes how a change on the ID pin can generate an interrupt. Section 6.6 describes
how an interrupt can be generated when the RidConversionDone bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com