Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3320 Datasheet(PDF) 55 Page - Microchip Technology

Part # USB3320
Description  Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3320 Datasheet(HTML) 55 Page - Microchip Technology

Back Button USB3320 Datasheet HTML 51Page - Microchip Technology USB3320 Datasheet HTML 52Page - Microchip Technology USB3320 Datasheet HTML 53Page - Microchip Technology USB3320 Datasheet HTML 54Page - Microchip Technology USB3320 Datasheet HTML 55Page - Microchip Technology USB3320 Datasheet HTML 56Page - Microchip Technology USB3320 Datasheet HTML 57Page - Microchip Technology USB3320 Datasheet HTML 58Page - Microchip Technology USB3320 Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 70 page
background image
 2014-2015 Microchip Technology Inc.
DS00001792B-page 55
USB3320
7.1.2.3
Carkit Interrupt Status
Address = 20h (read only)
7.1.2.4
Carkit Interrupt Latch
Address = 21h (read only with auto-clear)
Note 7-3
rd: Read Only with auto clear.
RidIntEn
5
rd/w/s/c
0b
When enabled an interrupt will be generated on the
alt_int of the RXCMD byte when RidConversionDone
bit is asserted.
Note:
This register bit is or’ed with the RidIntEn bit
of the Vendor Rid Conversion register
described in Section 7.1.3.3.
Reserved
7:6
rd
00b
Read only, 0.
Field Name
Bit
Access
Default
Description
IdFloat
0
rd
0b
Asserted when the ID pin is floating. IdPullup must be
enabled.
CarIntDet
1
rd
0b
Not Implemented. Reads as 0b.
CarDp
2
rd
0b
Not Implemented. Reads as 0b.
RidValue
5:3
rd
000b
Conversion value of Rid resistor
000: 0 ohms
001: 75 ohms
010: 102K ohms
011: 200K ohms
100: 440K ohms
101: ID floating
111: Error
Note:
RidValue
can also be read from the Vendor
Rid Conversion register described in
Section 7.1.3.3.
RidConversionDone
6
rd
0b
Automatically asserted by the USB3320 when the Rid
Conversion is finished. The conversion will take
282uS. This bit will auto clear when the RidValue is
read from the Rid Conversion Register. Reading the
RidValue
from the Carkit Interrupt Status register will
not clear either RidConversionDone status bit.
Note:
RidConversionDone
can also be read from
the Vendor Rid Conversion register described
in Section 7.1.3.3.
Reserved
7
rd
0b
Read only, 0.
Field Name
Bit
Access
Default
Description
IdFloat Latch
0rd (Note 7-
3)
0b
Asserted if the state of the ID pin changes from non-
floating to floating while the IdFloatRise bit is enabled
or if the state of the ID pin changes from floating to
non-floating while the IdFloatFall bit is enabled.
CarIntDet Latch
1
rd
0b
Not Implemented. Reads as 0b.
CarDp Latch
2
rd
0b
Not Implemented. Reads as 0b.
RidConversionLatch
3rd
(Note 7-3)
0b
If RidIntEn is set and the state of the
RidConversionDone
bit changes from a 0 to 1 this bit
will be asserted.
Reserved
7:4
rd
0000b
Read only, 0.
Field Name
Bit
Access
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com