Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3320 Datasheet(PDF) 31 Page - Microchip Technology

Part # USB3320
Description  Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3320 Datasheet(HTML) 31 Page - Microchip Technology

Back Button USB3320 Datasheet HTML 27Page - Microchip Technology USB3320 Datasheet HTML 28Page - Microchip Technology USB3320 Datasheet HTML 29Page - Microchip Technology USB3320 Datasheet HTML 30Page - Microchip Technology USB3320 Datasheet HTML 31Page - Microchip Technology USB3320 Datasheet HTML 32Page - Microchip Technology USB3320 Datasheet HTML 33Page - Microchip Technology USB3320 Datasheet HTML 34Page - Microchip Technology USB3320 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 70 page
background image
 2014-2015 Microchip Technology Inc.
DS00001792B-page 31
USB3320
5.7
USB UART Support
The USB3320 provides support for the USB UART interface as detailed in the ULPI specification and the former CEA-
936A specification. The USB3320 can be placed in UART Mode using the method described in Section 6.5, and the
regulator output will automatically switch to the value configured by the UART RegOutput bits in the USB IO & Power
Management register. While in UART mode, the Linestate signals cannot be monitored on the DATA[0] and DATA[1]
pins.
5.8
USB Charger Detection Support
To support the detection and identification of different types of USB chargers the USB3320 provides integrated pull-up
resistors, RCD, on both DP and DM. These pull-up resistors along with the single ended receivers can be used to help
determine the type of USB charger attached. Reference information on implementing charger detection is provided in
Microchip Application Note AN 19.7 - Battery Charging Using Microchip USB Transceivers.
5.9
USB Audio Support
The USB3320 provides two low resistance analog switches that allow analog audio to be multiplexed over the DP and
DM terminals of the USB connector. The audio switches are shown in Figure 5.1. The electrical characteristics of the
USB Audio Switches are provided in Table 4-8.
FIGURE 5-12:
USB3320 DRIVES CONTROL SIGNAL (CPEN) TO EXTERNAL VBUS SWITCH
TABLE 5-8:
USB WEAK PULL-UP ENABLE
RESETB
DP Pullup Enable
DM Pullup Enable
00
0
1
ChargerPullupEnableDP
ChargerPullupEnableDM
Note:
ChargerPullupEnableDP
and ChargerPullupEnableDM are enabled in the USB IO & Power Management
register.
Note:
The USB3320 supports “USB Digital Audio” through the USB protocol in ULPI and USB Serial modes
described in Section 6.0.
VBUS
Switch
OUT
EN
IN
5V
USB Transceiver
VBUS
USB
Connector
DM
DP
VBUS
RVBUS
CPEN
Link
Controller
CPEN Logic
DrvVbusExternal
DrvVbus
DM
DP
ULPI
+5V
VBUS
Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com