Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3320 Datasheet(PDF) 34 Page - Microchip Technology

Part # USB3320
Description  Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3320 Datasheet(HTML) 34 Page - Microchip Technology

Back Button USB3320 Datasheet HTML 30Page - Microchip Technology USB3320 Datasheet HTML 31Page - Microchip Technology USB3320 Datasheet HTML 32Page - Microchip Technology USB3320 Datasheet HTML 33Page - Microchip Technology USB3320 Datasheet HTML 34Page - Microchip Technology USB3320 Datasheet HTML 35Page - Microchip Technology USB3320 Datasheet HTML 36Page - Microchip Technology USB3320 Datasheet HTML 37Page - Microchip Technology USB3320 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 70 page
background image
USB3320
DS00001792B-page 34
 2014-2015 Microchip Technology Inc.
RxEndDelay maximum allowed by the UTMI+/ULPI for 8-bit data is 63 high speed clocks. USB3320 uses a low latency
high speed receiver path to lower the RxEndDelay to 43 high speed clocks. This low latency design gives the Link more
cycles to make decisions and reduces the Link complexity. This is the result of the “wrapper less” architecture of the
USB3320. This low RxEndDelay should allow legacy UTMI Links to use a “wrapper” to convert the UTMI+ interface to
a ULPI interface.
In Figure 6-1, a single ULPI Protocol Block decodes the ULPI 8-bit bi-directional bus when the Link addresses the PHY.
The Link must use the DIR output to determine direction of the ULPI data bus. The USB3320 is the “bus arbitrator”. The
ULPI Protocol Block will route data/commands to the transmitter or the ULPI register array.
6.1.1
ULPI INTERFACE SIGNALS
The UTIM+ Low Pin Interface (ULPI) uses twelve pins to connect a full OTG Host / Device USB Transceiver to an SOC.
A reduction of external pins on the transceiver is accomplished by realizing that many of the relatively static configura-
tion pins (xcvrselect[1:0], termselect, opmode[1:0], and DpPullDown DmPulldown to list a few,) can be implemented by
having an internal static register array.
An 8-bit bi-directional data bus clocked at 60MHz allows the Link to access this internal register array and transfer USB
packets to and from the transceiver. The remaining 3 pins function to control the data flow and arbitrate the data bus.
Direction of the 8-bit data bus is controlled by the DIR output from the transceiver. Another output, NXT, is used to
control data flow into and out of the device. Finally, STP, which is in input to the transceiver, terminates transfers and is
used to start up and resume from Low Power Mode.
The twelve signals are described below in Table 6-1.
USB3320 implements a Single Data Rate (SDR) ULPI interface with all data transfers happening on the rising edge of
the 60MHz ULPI Clock while operating in Synchronous Mode. The direction of the data bus is determined by the state
of DIR. When DIR is high, the transceiver is driving DATA[7:0]. When DIR is low, the Link is driving DATA[7:0].
Each time DIR changes, a “turn-around” cycle occurs where neither the Link nor transceiver drive the data bus for one
clock cycle. During the “turn–around“cycle, the state of DATA[7:0] is unknown and the transceiver will not read the data
bus.
Because USB uses a bit-stuffing encoding, some means of allowing the transceiver to throttle the USB transmit data is
needed. The ULPI signal NXT is used to request the next byte to be placed on the data bus by the Link layer.
The ULPI interface supports the two basic modes of operation: Synchronous Mode and asynchronous modes that
include Low Power Mode, Serial Modes, and Carkit Mode. In Synchronous Mode, all signals change synchronously with
the 60MHz ULPI clock. In asynchronous modes the clock is off and the ULPI bus is redefined to bring out the signals
required for that particular mode of operations. The description of synchronous Mode is described in the following sec-
tions while the descriptions of the asynchronous modes are described in Section 6.3, Section 6.4, and Section 6.5.
TABLE 6-1:
ULPI INTERFACE SIGNALS
Signal
Direction
Description
CLK
I/O
60MHz ULPI clock. All ULPI signals are driven synchronous to the rising edge of
this clock. This clock can be either driven by the transceiver or the Link as described
in Section 5.4.1
DATA[7:0]
I/O
8-bit bi-directional data bus. Bus ownership is determined by DIR. The Link and
transceiver initiate data transfers by driving a non-zero pattern onto the data bus.
ULPI defines interface timing for a single-edge data transfers with respect to rising
edge of the ULPI clock.
DIR
OUT
Controls the direction of the data bus. When the transceiver has data to transfer to
the Link, it drives DIR high to take ownership of the bus. When the transceiver has
no data to transfer it drives DIR low and monitors the bus for commands from the
Link. The transceiver will pull DIR high whenever the interface cannot accept data
from the Link, such as during PLL start-up.
STP
IN
The Link asserts STP for one clock cycle to stop the data stream currently on the
bus. If the Link is sending data to the transceiver, STP indicates the last byte of data
was on the bus in the previous cycle.
NXT
OUT
The transceiver asserts NXT to throttle the data. When the Link is sending data to
the transceiver, NXT indicates when the current byte has been accepted by the
transceiver. The Link places the next byte on the data bus in the following clock
cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com