Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3320 Datasheet(PDF) 13 Page - Microchip Technology

Part # USB3320
Description  Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3320 Datasheet(HTML) 13 Page - Microchip Technology

Back Button USB3320 Datasheet HTML 9Page - Microchip Technology USB3320 Datasheet HTML 10Page - Microchip Technology USB3320 Datasheet HTML 11Page - Microchip Technology USB3320 Datasheet HTML 12Page - Microchip Technology USB3320 Datasheet HTML 13Page - Microchip Technology USB3320 Datasheet HTML 14Page - Microchip Technology USB3320 Datasheet HTML 15Page - Microchip Technology USB3320 Datasheet HTML 16Page - Microchip Technology USB3320 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 70 page
background image
 2014-2015 Microchip Technology Inc.
DS00001792B-page 13
USB3320
Note 4-5
The resistor value follows the 27% Resistor ECN published by the USB-IF.
Note 4-6
The values shown are valid when the USB RegOutput bits in the USB IO & Power Management
register are set to the default value.
Note 4-7
An automatic waiver up to 200mV is granted to accommodate system-level elements such as
measurement/test fixtures, captive cables, EMI components, and ESD suppression.
Pull-dn Resistor Impedance
RPD
Note 4-5
14.25
16.9
20
kΩ
Weak Pull-up Resistor
Impedance
RCD
Configured by bits 4 and 5
in USB IO & Power
Management register.
128
170
212
kΩ
HS FUNCTIONALITY
Input levels
HS Differential Input Sensitivity VDIHS
| V(DP) - V(DM) |
100
mV
HS Data Signaling Common
Mode Voltage Range
VCMHS
-50
500
mV
High-Speed Squelch Detection
Threshold (Differential Signal
Amplitude)
VHSSQ
Note 4-7
100
150
mV
Output Levels
Hi-Speed Low Level
Output Voltage (DP/DM
referenced to GND)
VHSOL
45Ω load
-10
10
mV
Hi-Speed High Level
Output Voltage (DP/DM
referenced to GND)
VHSOH
45Ω load
360
440
mV
Hi-Speed IDLE Level
Output Voltage (DP/DM
referenced to GND)
VOLHS
45Ω load
-10
10
mV
Chirp-J Output Voltage
(Differential)
VCHIRPJ
HS termination resistor
disabled, pull-up resistor
connected. 45Ω load.
700
1100
mV
Chirp-K Output Voltage
(Differential)
VCHIRPK
HS termination resistor
disabled, pull-up resistor
connected. 45Ω load.
-900
-500
mV
Leakage Current
OFF-State Leakage Current
ILZ
±10
uA
Port Capacitance
Transceiver Input Capacitance CIN
Pin to GND
5
10
pF
TABLE 4-5:
DC CHARACTERISTICS: ANALOG I/O PINS (DP/DM) (CONTINUED)
Parameter
Symbol
Condition
MIN
TYP
MAX
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com