Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3320 Datasheet(PDF) 26 Page - Microchip Technology

Part # USB3320
Description  Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3320 Datasheet(HTML) 26 Page - Microchip Technology

Back Button USB3320 Datasheet HTML 22Page - Microchip Technology USB3320 Datasheet HTML 23Page - Microchip Technology USB3320 Datasheet HTML 24Page - Microchip Technology USB3320 Datasheet HTML 25Page - Microchip Technology USB3320 Datasheet HTML 26Page - Microchip Technology USB3320 Datasheet HTML 27Page - Microchip Technology USB3320 Datasheet HTML 28Page - Microchip Technology USB3320 Datasheet HTML 29Page - Microchip Technology USB3320 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 70 page
background image
USB3320
DS00001792B-page 26
 2014-2015 Microchip Technology Inc.
5.6
USB On-The-Go (OTG)
The USB3320 provides full support for USB OTG protocol. OTG allows the USB3320 to be dynamically configured as
a host or device depending on the type of cable inserted into the receptacle. When the Micro-A plug of a cable is inserted
into the Micro-AB receptacle, the USB device becomes the A-device. When a Micro-B plug is inserted, the device
becomes the B-device. The OTG A-device behaves similar to a Host while the B-device behaves similar to a peripheral.
The differences are covered in the “On-The-Go Supplement to the USB 2.0 Specification”. In applications where only
Host or Device is required, the OTG Module is unused.
5.6.1
ID RESISTOR DETECTION
The ID pin of the USB connector is monitored by the ID pin of the USB3320 to detect the attachment of different types
of USB devices and cables. For device only applications that do not use the ID signal the ID pin should be connected
to VDD33. The block diagram of the ID detection circuitry is shown in Figure 5-10 and the related parameters are given
in Table 4-7.
5.6.1.1
USB OTG Operation
The USB3320 can detect ID grounded and ID floating to determine if an A or B cable has been inserted. The A plug will
ground the ID pin while the B plug will float the ID pin. These are the only two valid states allowed in the OTG Protocol.
To monitor the status of the ID pin, the Link activates the IdPullup bit in the OTG Control register, waits 50mS and then
reads the status of the IdGnd bit in the USB Interrupt Status register. If an A cable has been inserted the IdGnd bit will
read 0. If a B cable is inserted, the ID pin is floating and the IdGnd bit will read 1.
The USB3320 provides an integrated weak pull-up resistor on the ID pin, RIDW. This resistor is present to keep the ID
pin in a known state when the IdPullup bit is disabled and the ID pin is floated. In addition to keeping the ID pin in a
known state, it enables the USB3320 to generate an interrupt to inform the link when a cable with a resistor to ground
has been attached to the ID pin. The weak pull-up is small enough that the largest valid Rid resistor pulls the ID pin low
and causes the IdGnd comparator to go low.
After the link has detected an ID pin state change, the RID converter can be used to determine the resistor value as
described in Section 5.6.1.2.
FIGURE 5-10:
USB3320 ID RESISTOR DETECTION CIRCUITRY
IdPullup
IdGnd
Vref IdGnd
IdFloat
ID
OTG Module
VDD33
To USB Con.
RidValue
Vref IdFloat
IdGnd Rise
or
IdGnd Fall
IdFloatRise
or
IdFloatFall
Rid ADC
IdGndDrv
en
en



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com