Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3320 Datasheet(PDF) 8 Page - Microchip Technology

Part # USB3320
Description  Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3320 Datasheet(HTML) 8 Page - Microchip Technology

Back Button USB3320 Datasheet HTML 4Page - Microchip Technology USB3320 Datasheet HTML 5Page - Microchip Technology USB3320 Datasheet HTML 6Page - Microchip Technology USB3320 Datasheet HTML 7Page - Microchip Technology USB3320 Datasheet HTML 8Page - Microchip Technology USB3320 Datasheet HTML 9Page - Microchip Technology USB3320 Datasheet HTML 10Page - Microchip Technology USB3320 Datasheet HTML 11Page - Microchip Technology USB3320 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 70 page
background image
USB3320
DS00001792B-page 8
 2014-2015 Microchip Technology Inc.
22
VBUS
I/O,
Analog
N/A
This pin connects to an external resistor
(RVBUS) connected to the VBUS pin of the
USB cable. This pin is used for the VBUS
comparator inputs and for VBUS pulsing
during session request protocol. See
Table 5-7, "Required RVBUS Resistor
Value".
23
ID
Input,
Analog
N/A
ID
pin of the USB cable. For applications
not using ID this pin can be connected to
VDD33
. For an A-Device ID is grounded.
For a B-Device ID is floated.
24
RBIAS
Analog,
CMOS
N/A
Bias Resistor pin. This pin requires an
8.06kΩ (±1%) resistor to ground, placed as
close as possible to the USB3320.
Nominal voltage during ULPI operation is
0.8V.
25
XO
Output,
CMOS
N/A
External resonator pin. When using an
external clock on REFCLK, this pin should
be floated.
26
REFCLK
Input,
CMOS
N/A
ULPI Output Clock Mode:
Reference frequency as defined in Table 5-
10.
ULPI Input Clock Mode:
60MHz ULPI clock input.
27
RESETB
Input,
CMOS,
Low
When low, the part is suspended with all
ULPI outputs tri-stated. When high, the
USB3320 will operate as a normal ULPI
device, as described in Section 5.5.2. The
state of this pin may be changed
asynchronously to the clock signals. When
asserted for a minimum of 1 microsecond
and then de-asserted, the ULPI registers
are reset to their default state and all
internal state machines are reset.
28
VDD18
Power
N/A
External 1.8V Supply input pin. This pad
needs to be bypassed with a 0.1uF
capacitor to ground, placed as close as
possible to the USB3320.
29
STP
Input,
CMOS
High
The Link asserts STP for one clock cycle
to stop the data stream currently on the
bus. If the Link is sending data to the
transceiver, STP indicates the last byte of
data was on the bus in the previous cycle.
30
VDD18
Power
N/A
External 1.8V Supply input pin. This pad
needs to be bypassed with a 0.1uF
capacitor to ground, placed as close as
possible to the USB3320.
31
DIR
Output,
CMOS
N/A
Controls the direction of the data bus.
When the transceiver has data to transfer
to the Link, it drives DIR high to take
ownership of the bus. When the
transceiver has no data to transfer it drives
DIR
low and monitors the bus for
commands from the Link.
32
VDDIO
Power
N/A
External 1.8V to 3.3V ULPI supply input
pin. This voltage sets the value of VOH for
the ULPI signals. This pad needs to be
bypassed with a 0.1uF capacitor to ground,
placed as close as possible to the
USB3320.
FLAG
GND
Ground
N/A
Ground.
TABLE 2-1:
USB3320 PIN DESCRIPTION (CONTINUED)
Pin
Name
Direction/
Type
Active
Level
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com