Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3320 Datasheet(PDF) 7 Page - Microchip Technology

Part # USB3320
Description  Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3320 Datasheet(HTML) 7 Page - Microchip Technology

Back Button USB3320 Datasheet HTML 3Page - Microchip Technology USB3320 Datasheet HTML 4Page - Microchip Technology USB3320 Datasheet HTML 5Page - Microchip Technology USB3320 Datasheet HTML 6Page - Microchip Technology USB3320 Datasheet HTML 7Page - Microchip Technology USB3320 Datasheet HTML 8Page - Microchip Technology USB3320 Datasheet HTML 9Page - Microchip Technology USB3320 Datasheet HTML 10Page - Microchip Technology USB3320 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 70 page
background image
 2014-2015 Microchip Technology Inc.
DS00001792B-page 7
USB3320
4
DATA[1]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
5
DATA[2]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
6
DATA[3]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
7
DATA[4]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
8
REFSEL[0]
Input,
CMOS
N/A
This signal, along with REFSEL[1] and
REFSEL[2]
selects one of the available
reference frequencies as defined in
Table 5-10.
Note: This signal must be tied to VDDIO
when in ULPI 60MHz REFCLK IN mode.
9
DATA[5]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
10
DATA[6]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
11
REFSEL[1]
Input,
CMOS
N/A
This signal, along with REFSEL[0] and
REFSEL[2]
selects one of the available
reference frequencies as defined in
Table 5-10.
Note: This signal must be tied to VDDIO
when in ULPI 60MHz REFCLK IN mode.
12
N/C
N/A
This pin must not be connected.
13
DATA[7]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
14
REFSEL[2]
Input,
CMOS
N/A
This signal, along with REFSEL[0] and
REFSEL[1]
selects one of the available
reference frequencies as defined in
Table 5-10.
Note: This signal must be tied to VDDIO
when in ULPI 60MHz REFCLK IN mode.
15
SPK_L
I/O,
Analog
N/A
USB switch in/out for DM signals
16
SPK_R
I/O,
Analog
N/A
USB switch in/out for DP signals
17
CPEN
Output,
CMOS
N/A
External 5V supply enable. Controls the
external VBUS power switch. CPEN is low
on POR.
18
DP
I/O,
Analog
N/A
D+ pin of the USB cable.
19
DM
I/O,
Analog
N/A
D- pin of the USB cable.
20
VDD33
Power
N/A
3.3V Regulator Output. A 2.2uF (<1 ohm
ESR) bypass capacitor to ground is
required for regulator stability. The bypass
capacitor should be placed as close as
possible to the USB3320.
21
VBAT
Power
N/A
Regulator input.
TABLE 2-1:
USB3320 PIN DESCRIPTION (CONTINUED)
Pin
Name
Direction/
Type
Active
Level
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com