Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3320 Datasheet(PDF) 32 Page - Microchip Technology

Part # USB3320
Description  Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3320 Datasheet(HTML) 32 Page - Microchip Technology

Back Button USB3320 Datasheet HTML 28Page - Microchip Technology USB3320 Datasheet HTML 29Page - Microchip Technology USB3320 Datasheet HTML 30Page - Microchip Technology USB3320 Datasheet HTML 31Page - Microchip Technology USB3320 Datasheet HTML 32Page - Microchip Technology USB3320 Datasheet HTML 33Page - Microchip Technology USB3320 Datasheet HTML 34Page - Microchip Technology USB3320 Datasheet HTML 35Page - Microchip Technology USB3320 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 70 page
background image
USB3320
DS00001792B-page 32
 2014-2015 Microchip Technology Inc.
During normal USB operation the switches are off. When USB Audio is desired the switches can be turned “on” by
enabling the SpkLeftEn, SpkRightEn, or MicEn bits in the Carkit Control register as described in Section 6.5.2. These
bits are disabled by default. The USB Audio Switches can also be enabled by asserting the RESETB pin or removing
the voltage at VDD18 as shown in Table 5-9. While using the USB switches, VDD18 is not required, but 3.3V must be
present at VDD33. The integrated 3.3V LDO regulator may be used to generate VDD33 from power applied at the VBAT
pin.
In addition to USB Audio support the switches can also be used to multiplexed a second FS USB transceiver to the USB
connector. The signal quality will be degraded slightly due to the “on” resistance of the switches. The USB3320 single-
ended receivers described in Section 5.2.1 are disabled when either USB Audio switch is enabled.
The USB3320 does not provide the DC bias for the audio signals. The SPK_R and SPK_L pins should be biased to
1.65V when audio signals are routed through the USB3320. This DC bias is necessary to prevent the audio signal from
swinging below ground and being clipped by ESD Diodes.
When the system is not using the USB Audio switches, the SPK_R and SPK_L pins should not be connected.
5.10
Reference Frequency Selection
The USB3320 is configured for the desired reference frequency by the REFSEL[2], REFSEL[1] and REFSEL[0] pins.
If a pin is connected to VDDIO, the value of “1” is assigned. Connect the pin to ground to assign a “0.” When using the
ULPI Input Clock Mode (60MHz REFCLK Mode), the reference frequency is always fixed at 60 MHz. Eight reference
clock frequencies are available as described in Table 5-10.
TABLE 5-9:
USB AUDIO SWITCH ENABLE
RESETB
VDD18
DP Switch Enable
DM Switch Enable
X
011
0111
11
SpkLeftEn
SpkRightEn
or MicEn
Note:
SpkLeftEn, SpkRightEn,
and MicEn are enabled in the Carkit Control register.
TABLE 5-10:
CONFIGURATION TO SELECT REFERENCE CLOCK FREQUENCY
Configuration Pins
Description
REFSEL[2]
REFSEL[1]
REFSEL[0]
Reference Frequency
0
0
0
52 MHz
0
0
1
38.4 MHz
0
1
0
12 MHz
0
1
1
27 MHz
1
0
0
13 MHz
1
0
1
19.2 MHz
1
1
0
26 MHz
1
1
1
24 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com