Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3320 Datasheet(PDF) 42 Page - Microchip Technology

Part # USB3320
Description  Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3320 Datasheet(HTML) 42 Page - Microchip Technology

Back Button USB3320 Datasheet HTML 38Page - Microchip Technology USB3320 Datasheet HTML 39Page - Microchip Technology USB3320 Datasheet HTML 40Page - Microchip Technology USB3320 Datasheet HTML 41Page - Microchip Technology USB3320 Datasheet HTML 42Page - Microchip Technology USB3320 Datasheet HTML 43Page - Microchip Technology USB3320 Datasheet HTML 44Page - Microchip Technology USB3320 Datasheet HTML 45Page - Microchip Technology USB3320 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 70 page
background image
USB3320
DS00001792B-page 42
 2014-2015 Microchip Technology Inc.
In Figure 6-8 the transceiver asserts DIR to take control of the data bus from the Link. The assertion of DIR and NXT in
the same cycle contains additional information that Rxactive has been asserted. When NXT is de-asserted and DIR is
asserted, the RXCMD data is transferred to the Link. After the last byte of the USB receive packet is transferred to the
transceiver, the linestate will return to idle.
The ULPI full speed receiver operates according to the UTMI / ULPI specification. In the full speed case, the NXT signal
will assert only when the Data bus has a valid received data byte. When NXT is low with DIR high, the RXCMD is driven
on the data bus.
In full speed, the USB3320 will not issue a Rxactive de-assertion in the RXCMD until the DP/DM linestate transitions to
idle. This prevents the Link from violating the two full speed bit times minimum turn around time.
6.2.5.1
Disconnect Detection
A High Speed host must detect a disconnect by sampling the transmitter outputs during the long EOP transmitted during
a SOF packet. The USB3320 only looks for a high speed disconnect during the long EOP where the period is long
enough for the disconnect reflection to return to the host transceiver. When a high speed disconnect occurs, the
USB3320 will return a RXCMD and set the host disconnect bit in the USB Interrupt Status register.
When in FS or LS modes, the Link is expected to handle all disconnect detection.
6.3
Low Power Mode
Low Power Mode is a power down state to save current when the USB session is suspended. The Link controls when
the transceiver is placed into or out of Low Power Mode. In Low Power Mode all of the circuits are powered down except
the interface pins, full speed receiver, VBUS comparators, and IdGnd comparator.
Before entering Low Power Mode, the USB3320 must be configured to set the desired state of the USB transceiver. The
XcvrSelect[1:0]
, TermSelect and OpMode[1:0] bits in the Function Control register, and the DpPulldown and DmPull-
down
bits in the OTG Control register control the configuration as shown in Table 5-1. The DP and DM pins are config-
ured to a high impedance state by configuring OpMode[1:0] = 01. Pull-down resistors with a value of approximately 2MΩ
are present on the DP and DM pins to avoid false linestate indications that could result if the pins were allowed to float.
6.3.1
ENTERING LOW POWER/SUSPEND MODE
To enter Low Power Mode, the Link will write a 0 or clear the SuspendM bit in the Function Control register. After this
write is complete, the transceiver will assert DIR high and after a minimum of five rising edges of CLKOUT, drive the
clock low. After the clock is stopped, the transceiver will enter a low power state to conserve current. Placing the trans-
ceiver in Suspend Mode is not related to USB Suspend. To clarify this point, USB Suspend is initiated when a USB host
FIGURE 6-8:
ULPI RECEIVE IN SYNCHRONOUS MODE
DIR
CLK
DATA[7:0]
STP
NXT
Rxd
Cmd
Idle
Turn
around
PID
D1
Rxd
Cmd
D2
Turn
around



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com