Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3320 Datasheet(PDF) 19 Page - Microchip Technology

Part # USB3320
Description  Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3320 Datasheet(HTML) 19 Page - Microchip Technology

Back Button USB3320 Datasheet HTML 15Page - Microchip Technology USB3320 Datasheet HTML 16Page - Microchip Technology USB3320 Datasheet HTML 17Page - Microchip Technology USB3320 Datasheet HTML 18Page - Microchip Technology USB3320 Datasheet HTML 19Page - Microchip Technology USB3320 Datasheet HTML 20Page - Microchip Technology USB3320 Datasheet HTML 21Page - Microchip Technology USB3320 Datasheet HTML 22Page - Microchip Technology USB3320 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 70 page
background image
 2014-2015 Microchip Technology Inc.
DS00001792B-page 19
USB3320
Note 1:
This is the same as Table 40, Section 4.4 of the ULPI 1.1 specification.
2:
USB3320 does not support operation as an upstream hub port. See Section 6.2.4.3, "UTMI+ Level 3".
Note 5-1
The transceiver operation is not ensured in a combination that is not defined.
The USB3320 uses the 27% resistor ECN resistor tolerances. The resistor values are shown in Table 4-5.
5.3
Bias Generator
This block consists of an internal bandgap reference circuit used for generating the driver current and the biasing of the
analog circuits. This block requires an external 8.06K
Ω, 1% tolerance, reference resistor connected from RBIAS to
ground. This resistor should be placed as close as possible to the USB3320 to minimize the trace length. The nominal
voltage at RBIAS is 0.8V +/- 10% and therefore the resistor will dissipate approximately 80
μW of power.
5.4
Integrated Low Jitter PLL
The USB3320 uses an integrated low jitter phase locked loop (PLL) to provide a clean 480MHz clock required for HS
USB signal quality. This clock is used by the transceiver during both transmit and receive. The USB3320 PLL requires
an accurate frequency reference to be driven on the REFCLK pin.
5.4.1
REFCLK MODE SELECTION
The USB3320 is designed to operate in one of two available modes as shown in Table 5-2. In the first mode, a 60MHz
ULPI clock is driven on the REFCLK pin as described in Section 5.4.1.1. In the second mode, the USB3320 generates
the ULPI clock as described in Section 5.4.1.2. When using the second mode, the frequency of the reference clock is
configured by REFSEL[2], REFSEL[1] and REFSEL[0] as described in Section 5.10.
During start-up, the USB3320 monitors the CLKOUT pin to determine which mode has been configured as described
in Section 5.4.1.1.
Peripheral Test J/Test K
00b
0b
10b
0b
0b
0b
0b
0b
0b
1b
OTG device, Peripheral Chirp
00b
1b
10b
0b
1b
1b
0b
0b
1b
0b
OTG device, Peripheral HS
00b
0b
00b
0b
1b
0b
0b
0b
1b
1b
OTG device, Peripheral FS
01b
1b
00b
0b
1b
1b
0b
0b
1b
0b
OTG device, Peripheral HS/FS Suspend
01b
1b
00b
0b
1b
1b
0b
0b
1b
0b
OTG device, Peripheral HS/FS Resume
01b
1b
10b
0b
1b
1b
0b
0b
1b
0b
OTG device, Peripheral Test J/Test K
00b
0b
10b
0b
1b
0b
0b
0b
1b
1b
Any combination not defined above Note 5-
1
0b
0b
0b
0b
0b
TABLE 5-2:
REFCLK MODES
Mode
REFCLK
Frequency
ULPI Clock Description
ULPI Input Clock Mode
60Mhz
Sourced by Link, driven on the REFCLK pin
ULPI Output Clock
Mode
Table 5-10
Sourced by USB3320 at the CLKOUT pin
TABLE 5-1:
DP/DM TERMINATION VS. SIGNALING MODE (CONTINUED)
Signaling Mode
ULPI Register Settings
USB3320 Termination Resistor
Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com