Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3320 Datasheet(PDF) 56 Page - Microchip Technology

Part # USB3320
Description  Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3320 Datasheet(HTML) 56 Page - Microchip Technology

Back Button USB3320 Datasheet HTML 52Page - Microchip Technology USB3320 Datasheet HTML 53Page - Microchip Technology USB3320 Datasheet HTML 54Page - Microchip Technology USB3320 Datasheet HTML 55Page - Microchip Technology USB3320 Datasheet HTML 56Page - Microchip Technology USB3320 Datasheet HTML 57Page - Microchip Technology USB3320 Datasheet HTML 58Page - Microchip Technology USB3320 Datasheet HTML 59Page - Microchip Technology USB3320 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 70 page
background image
USB3320
DS00001792B-page 56
 2014-2015 Microchip Technology Inc.
7.1.3
VENDOR REGISTER ACCESS
The vendor specific registers include the range from 30h to 3Fh. These can be accessed by the ULPI immediate register
read / write.
7.1.3.1
HS TX Boost
Address = 31h (read / write)
7.1.3.2
Headset Audio Mode
Address = 33h (read / write)
7.1.3.3
Vendor Rid Conversion
Address = 36-38h (read), 36h (write), 37h (set), 38h (clear)
Field Name
Bit
Access
Default
Description
Reserved
4:0
rd
00000b
Read only, 0.
Boost
6:5
rd/w
00b
Sets the HS transmitter amplitude as described in
Section 5.2.1.
00b: Nominal
01b: Enables 11.1% increased drive strength
10b: Enables 7.4% increased drive strength
11b: Enables 3.7% increased drive strength
Reserved
7
rd
0b
Read only, 0.
Field Name
Bit
Access
Default
Description
HeadsetAudioEn
3:0
rd/w
0000b
When this field is set to a value of 1010, the Headset
Audio Mode is enabled as described in Section 6.7.
Reserved
7:4
rd
0h
Read only, 0.
Field Name
Bit
Access
Default
Description
RidValue
2:0
rd/w
000b
Conversion value of Rid resistor
000: 0 ohms
001: 75 ohms
010: 100K ohms
011: 200K ohms
100: 440K ohms
101: ID floating
111: Error
Note:
RidValue
can also be read from the Carkit
Interrupt Status Register.
RidConversionDone
3rd (Note 7-
4)
0b
Automatically asserted by the USB3320 when the Rid
Conversion is finished. The conversion will take
282uS. This bit will auto clear when the RidValue is
read from the Rid Conversion Register. Reading the
RidValue
from the Carkit Interrupt Status Register will
not clear either RidConversionDone status bit.
Note:
RidConversionDone
can also be read from
the Carkit Interrupt Status Register.
RidConversionStart
4
rd/w/s/c
0b
When this bit is asserted either through a register write
or set, the Rid converter will read the value of the ID
resistor. When the conversion is complete this bit will
auto clear.
Reserved
5
rd/w/s/c
0b
This bit must remain at 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com