Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3320 Datasheet(PDF) 23 Page - Microchip Technology

Part # USB3320
Description  Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3320 Datasheet(HTML) 23 Page - Microchip Technology

Back Button USB3320 Datasheet HTML 19Page - Microchip Technology USB3320 Datasheet HTML 20Page - Microchip Technology USB3320 Datasheet HTML 21Page - Microchip Technology USB3320 Datasheet HTML 22Page - Microchip Technology USB3320 Datasheet HTML 23Page - Microchip Technology USB3320 Datasheet HTML 24Page - Microchip Technology USB3320 Datasheet HTML 25Page - Microchip Technology USB3320 Datasheet HTML 26Page - Microchip Technology USB3320 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 70 page
background image
 2014-2015 Microchip Technology Inc.
DS00001792B-page 23
USB3320
The USB3320 can be powered from an external 3.3V supply as shown below in Figure 5-7. When using the external
supply, both the VBAT and VDD33 pins are connected together. The bypass capacitor, CBYP, is recommended when
using the external supply.
For peripheral only or host only operation, the VBAT supply shown below in Figure 5-8 may be connected to the VBUS
pin of the USB connector for bus powered applications. In this configuration, external overvoltage protection is required
to protect the VBAT supply from any transient voltage present at the VBUS pin of the USB connector.
FIGURE 5-6:
POWERING THE USB3320 FROM A BATTERY
FIGURE 5-7:
POWERING THE USB3320 FROM A 3.3V SUPPLY
VBUS
VDD33
VBAT
GND
LDO
PHY
To OTG
COUT
VBUS
To USB Con.
RVBUS
VBUS
VDD33
VBAT
GND
LDO
PHY
To OTG
CBYP
Vdd
3.3V
VBUS
To USB Con.
RVBUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com