Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3320 Datasheet(PDF) 48 Page - Microchip Technology

Part # USB3320
Description  Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3320 Datasheet(HTML) 48 Page - Microchip Technology

Back Button USB3320 Datasheet HTML 44Page - Microchip Technology USB3320 Datasheet HTML 45Page - Microchip Technology USB3320 Datasheet HTML 46Page - Microchip Technology USB3320 Datasheet HTML 47Page - Microchip Technology USB3320 Datasheet HTML 48Page - Microchip Technology USB3320 Datasheet HTML 49Page - Microchip Technology USB3320 Datasheet HTML 50Page - Microchip Technology USB3320 Datasheet HTML 51Page - Microchip Technology USB3320 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 70 page
background image
USB3320
DS00001792B-page 48
 2014-2015 Microchip Technology Inc.
After the USB3320 has detected the change of state on the ID pin, the RID converter can be used to determine the value
of ID resistance. To start a ID resistance measurement, the RidConversionStart bit is set in the Vendor Rid Conversion
register.
The Link can use one of two methods to determine when the RID Conversion is complete. One method is polling the
RidConversionStart
bit as described in Section 7.1.3.3. The preferred method is to set the RidIntEn bit in the Vendor Rid
Conversion register. When RidIntEn is set, an RXCMD will be generated after the RID conversion is complete. As
described in Table 6-3, the alt_int bit of the RXCMD will be set.
After the RID Conversion is complete, the Link can read RidValue from the Vendor Rid Conversion register.
6.7
Headset Audio Mode
This mode is designed to allow a user to view the status of several signals while using an analog audio headset with a
USB connector. This feature, exclusive to Microchip, is provided as an alternate mode to the CarKit Mode defined in
Section 6.5. In the CarKit Mode, the Link is unable to view the source of the interrupt on ID, except by returning to syn-
chronous mode to read the ULPI registers. This forces the audio switches to be deactivated, and may glitch the audio
signals. In addition, the Link cannot change the resistance on the ID pin without starting up the PHY to access the ULPI
registers.
The Headset Audio Mode is entered by writing to the Headset Audio Mode register, and allows the Link access to the
state of the VBUS and ID pins during audio without glitching the audio connection. The Headset Audio mode also
enables the Link to change the resistance on the ID pin and to change the audio headset attached from mono to stereo.
The ULPI interface is redefined as shown in Table 6-10 when Headset Audio Mode is entered.
Exiting Headset Audio Mode is the same as exiting Low Power Mode as described in Section 6.3.2. The Link must
assert STP to signal the PHY to exit. When the PHY can accept a command, DIR is de-asserted and the PHY will wait
until the Link de-asserts STP to resume synchronous ULPI operation. The RESETB pin can also be pulsed low to reset
the USB3320 and return it to Synchronous Mode.
TABLE 6-10:
PIN DEFINITIONS IN HEADSET AUDIO MODE
Signal
Connected To
Direction
Description
SessVld
DATA[0]
OUT
Output of SessVld comparator
VbusVld
DATA[1]
OUT
Output of VbusVld Comparator (interrupt must be enabled)
IdGndDrv
DATA[2]
IN
Drives ID pin to ground when asserted
0b: Not connected
1b: Connects ID to ground.
DATA[3]
OUT
Driven low
IdGround
DATA[4]
OUT
Asserted when the ID pin is grounded.
0b: ID pin is grounded
1b: ID pin is floating
IdFloat
DATA[5]
OUT
Asserted when the ID pin is floating. IdPullup or d_pullup330
must be enabled as shown below.
IdPullup330
DATA[6]
IN
When enabled a 330kΩpullup is applied to the ID pin. This
bit will also change the trip point of the IdGnd comparator to
the value shown in Table 4-7.
0b: Disables the pull-up resistor
1b: Enables the pull-up resistor
IdPullup
DATA[7]
IN
Connects the 100kΩ pull-up resistor from the ID pin to
VDD3.3
0b: Disables the pull-up resistor
1b: Enables the pull-up resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com