Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3320 Datasheet(PDF) 36 Page - Microchip Technology

Part # USB3320
Description  Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3320 Datasheet(HTML) 36 Page - Microchip Technology

Back Button USB3320 Datasheet HTML 32Page - Microchip Technology USB3320 Datasheet HTML 33Page - Microchip Technology USB3320 Datasheet HTML 34Page - Microchip Technology USB3320 Datasheet HTML 35Page - Microchip Technology USB3320 Datasheet HTML 36Page - Microchip Technology USB3320 Datasheet HTML 37Page - Microchip Technology USB3320 Datasheet HTML 38Page - Microchip Technology USB3320 Datasheet HTML 39Page - Microchip Technology USB3320 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 70 page
background image
USB3320
DS00001792B-page 36
 2014-2015 Microchip Technology Inc.
6.2.1
ULPI REGISTER WRITE
A ULPI register write operation is given in Figure 6-3. The TXD command with a register write DATA[7:6] = 10b is driven
by the Link at T0. The register address is encoded into DATA[5:0] of the TXD CMD byte.
To write a register, the Link will wait until DIR is low, and at T0, drive the TXD CMD on the data bus. At T2 the transceiver
will drive NXT high. On the next rising clock edge, T3, the Link will write the register data. At T4, the transceiver will
accept the register data and drive NXT low. The Link will drive an Idle on the bus and drive STP high to signal the end
of the data packet. Finally, at T5, the transceiver will latch the data into the register and the Link will pull STP low.
NXT
is used to control when the Link drives the register data on the bus. DIR is low throughout this transaction since
the transceiver is receiving data from the Link. STP is used to end the transaction and data is registered after the de-
assertion of STP. After the write operation completes, the Link must drive a ULPI Idle (00h) on the data bus or the
USB3320 may decode the bus value as a ULPI command.
A ULPI extended register write operation is shown in Figure 6-4. To write an extended register, the Link will wait until
DIR
is low, and at T0, drive the TXD CMD on the data bus. At T2 the transceiver will drive NXT high. On the next clock
T3 the Link will drive the extended address. On the next rising clock edge, T4, the Link will write the register data. At
T5, the transceiver will accept the register data and drive NXT low. The Link will drive an Idle on the bus and drive STP
high to signal the end of the data packet. Finally, at T5, the transceiver will latch the data into the register. The Link will
pull STP low.
FIGURE 6-3:
ULPI REGISTER WRITE IN SYNCHRONOUS MODE
DIR
CLK
DATA[7:0]
STP
NXT
TXD CMD
(reg write)
Idle
Reg Data[n]
Idle
ULPI Register
Reg Data [n-1]
Reg Data [n]
T0
T1
T2
T3
T5
T4
T6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com