Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3320 Datasheet(PDF) 38 Page - Microchip Technology

Part # USB3320
Description  Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3320 Datasheet(HTML) 38 Page - Microchip Technology

Back Button USB3320 Datasheet HTML 34Page - Microchip Technology USB3320 Datasheet HTML 35Page - Microchip Technology USB3320 Datasheet HTML 36Page - Microchip Technology USB3320 Datasheet HTML 37Page - Microchip Technology USB3320 Datasheet HTML 38Page - Microchip Technology USB3320 Datasheet HTML 39Page - Microchip Technology USB3320 Datasheet HTML 40Page - Microchip Technology USB3320 Datasheet HTML 41Page - Microchip Technology USB3320 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 70 page
background image
USB3320
DS00001792B-page 38
 2014-2015 Microchip Technology Inc.
At T0, the Link will place the TXD CMD on the data bus. At T2, the transceiver will bring NXT high, signaling the Link it
is ready to accept the data transfer. At T3, the transceiver reads the TXD CMD, determines it is a register read, and
asserts DIR to gain control of the bus. The transceiver will also de-assert NXT. At T4, the bus ownership has transferred
back to the transceiver and the transceiver drives the requested register onto the data bus. At T5, the Link will read the
data bus and the transceiver will drop DIR low returning control of the bus back to the Link. After the turn around cycle,
the Link must drive a ULPI Idle command at T6.
A ULPI extended register read operation is shown in Figure 6-6.To read an extended register, the Link writes the TX
CMD with the address set to 2Fh. At T2, the transceiver will assert NXT, signaling the Link it is ready to accept the
extended address. At T3, the Link places the extended register address on the bus. At T4, the transceiver reads the
extended address, and asserts DIR to gain control of the bus. The transceiver will also de-assert NXT. At T5, the bus
ownership has transferred back to the transceiver and the transceiver drives the requested register onto the data bus.
At T6, the Link will read the data bus and the transceiver will de-assert DIR returning control of the bus back to the Link.
After the turn around cycle, the Link must drive a ULPI Idle command at T6.
6.2.3
ULPI RXCMD
The ULPI Link needs information which was provided by the following pins in a UTMI implementation: linestate[1:0],
rxactive, rxvalid and rxerror. When implementing the OTG functions, the VBUS and ID pin states must also be trans-
ferred to the Link.
ULPI defines a Receive Command Byte (RXCMD) that contains this information. The Encoding of the RXCMD byte is
given in the Table 6-3.
Transfer of the RXCMD byte occurs in Synchronous Mode when the transceiver has control of the bus. The ULPI Pro-
tocol Block shown in Figure 6-1 determines when to send an RXCMD.
A RXCMD can occur:
• When a linestate change occurs.
• When VBUS or ID comparators change state.
• During a USB receive when NXT is low.
• After the USB3320 deasserts DIR and STP is low during start-up
• After the USB3320 exits Low Power Mode, Serial Modes, or Carkit Mode after detecting that the Link has de-
asserted STP, and DIR is low.
When a USB Receive is occurring, RXCMD’s are sent whenever NXT = 0 and DIR = 1. During a USB Transmit, the
RXCMD’s are returned to the Link after STP is asserted.
FIGURE 6-6:
ULPI EXTENDED REGISTER READ IN SYNCHRONOUS MODE
DIR
CLK
DATA[7:0]
STP
NXT
TXD CMD
extended reg read
Idle
T0
Reg Data
Turn around
Turn around
T1
T2
T3
T4
T5
T6
Idle
Extended
address
T7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com