Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3320 Datasheet(PDF) 53 Page - Microchip Technology

Part # USB3320
Description  Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3320 Datasheet(HTML) 53 Page - Microchip Technology

Back Button USB3320 Datasheet HTML 49Page - Microchip Technology USB3320 Datasheet HTML 50Page - Microchip Technology USB3320 Datasheet HTML 51Page - Microchip Technology USB3320 Datasheet HTML 52Page - Microchip Technology USB3320 Datasheet HTML 53Page - Microchip Technology USB3320 Datasheet HTML 54Page - Microchip Technology USB3320 Datasheet HTML 55Page - Microchip Technology USB3320 Datasheet HTML 56Page - Microchip Technology USB3320 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 70 page
background image
 2014-2015 Microchip Technology Inc.
DS00001792B-page 53
USB3320
7.1.1.10
USB Interrupt Status
Address = 13h (read only)
This register dynamically updates to reflect current status of interrupt sources.
7.1.1.11
USB Interrupt Latch
Address = 14h (read only with auto clear)
Note 7-2
rd: Read Only with auto clear.
7.1.1.12
Debug
Address = 15h (read only)
SessEnd Fall
3
rd/w/s/c
1b
Generate an interrupt event notification when SessEnd
changes from high to low.
IdGnd Fall
4
rd/w/s/c
1b
Generate an interrupt event notification when IdGnd
changes from high to low.
Reserved
7:5
rd
000b
Read only, 0.
Field Name
Bit
Access
Default
Description
HostDisconnect
0
rd
0b
Current value of the UTMI+ Hi-Speed Hostdisconnect
output. Applicable only in host mode.
VbusValid
1
rd
0b
Current value of the UTMI+ Vbusvalid output.
SessValid
2
rd
0b
Current value of the UTMI+ SessValid output.
SessEnd
3
rd
0b
Current value of the UTMI+ SessEnd output.
IdGnd
4
rd
0b
Current value of the UTMI+ IdGnd output.
Reserved
7:5
rd
000b
Read only, 0.
Note:
The default conditions will match the current status of the comparators. The values shown are for an unat-
tached OTG device.
Field Name
Bit
Access
Default
Description
HostDisconnect Latch
0
rd
(Note 7-2)
0b
Set to 1b by the transceiver when an unmasked event
occurs on Hostdisconnect. Cleared when this register
is read. Applicable only in host mode.
VbusValid Latch
1
rd
(Note 7-2)
0b
Set to 1b by the transceiver when an unmasked event
occurs on VbusValid. Cleared when this register is
read.
SessValid Latch
2
rd
(Note 7-2)
0b
Set to 1b by the transceiver when an unmasked event
occurs on SessValid. Cleared when this register is
read.
SessEnd Latch
3rd
(Note 7-2)
0b
Set to 1b by the transceiver when an unmasked event
occurs on SessEnd. Cleared when this register is read.
IdGnd Latch
4rd
(Note 7-2)
0b
Set to 1b by the transceiver when an unmasked event
occurs on IdGnd. Cleared when this register is read.
Reserved
7:5
rd
000b
Read only, 0.
Field Name
Bit
Access
Default
Description
Linestate0
0
rd
0b
Contains the current value of Linestate[0].
Linestate1
1
rd
0b
Contains the current value of Linestate[1].
Reserved
7:2
rd
000000b
Read only, 0.
Field Name
Bit
Access
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com