Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3320 Datasheet(PDF) 15 Page - Microchip Technology

Part # USB3320
Description  Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3320 Datasheet(HTML) 15 Page - Microchip Technology

Back Button USB3320 Datasheet HTML 11Page - Microchip Technology USB3320 Datasheet HTML 12Page - Microchip Technology USB3320 Datasheet HTML 13Page - Microchip Technology USB3320 Datasheet HTML 14Page - Microchip Technology USB3320 Datasheet HTML 15Page - Microchip Technology USB3320 Datasheet HTML 16Page - Microchip Technology USB3320 Datasheet HTML 17Page - Microchip Technology USB3320 Datasheet HTML 18Page - Microchip Technology USB3320 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 70 page
background image
 2014-2015 Microchip Technology Inc.
DS00001792B-page 15
USB3320
Note 4-8
The RVPD and RVPU values include the required 1kΩ external RVBUS resistor.
4.8
USB Audio Switch Characteristics
4.9
Regulator Output Voltages and Capacitor Requirement
Note 4-9
REFCLK
, XO, SPK_L and SPK_R pins: ±5kV Human Body Model.
TABLE 4-8:
USB AUDIO SWITCH CHARACTERISTICS
Parameter
Symbol
Condition
MIN
TYP
MAX
Units
Minimum “ON” Resistance
RON_Min
0 < Vswitch < VDD33
2.7
5
5.8
Maximum “ON” Resistance
RON_Max
0 < Vswitch < VDD33
4.5
7
10
Minimum “OFF” Resistance ROFF_Min
0 < Vswitch < VDD33
1MΩ
TABLE 4-9:
REGULATOR OUTPUT VOLTAGES AND CAPACITOR REQUIREMENT
Parameter
Symbol
Condition
MIN
TYP
MAX
Units
Regulator Output Voltage
VDD33
6V > VBAT > 3.1V
3.0
3.3
3.6
V
Regulator Output Voltage
VDD33
USB UART Mode & UART
RegOutput[1:0]
= 01
6V > VBAT > 3.1V
2.7
3.0
3.3
V
Regulator Output Voltage
VDD33
USB UART Mode & UART
RegOutput[1:0]
= 10
6V > VBAT > 3.1V
2.47
2.75
3.03
V
Regulator Output Voltage
VDD33
USB UART Mode & UART
RegOutput[1:0]
= 11
6V > VBAT > 3.1V
2.25
2.5
2.75
V
Regulator Bypass Capacitor
COUT
2.2
uF
Bypass Capacitor ESR
CESR
1
TABLE 4-10:
ESD AND LATCH-UP PERFORMANCE
Parameter
Conditions
MIN
TYP
MAX
Units
Comments
ESD PERFORMANCE
Note 4-9
Human Body Model
±8
kV
Device
System
EN/IEC 61000-4-2 Contact
Discharge
±8
kV
3rd party system test
System
EN/IEC 61000-4-2 Air-gap
Discharge
±15
kV
3rd party system test
LATCH-UP PERFORMANCE
All Pins
EIA/JESD 78, Class II
150
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com