Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3320 Datasheet(PDF) 1 Page - Microchip Technology

Part # USB3320
Description  Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3320 Datasheet(HTML) 1 Page - Microchip Technology

  USB3320 Datasheet HTML 1Page - Microchip Technology USB3320 Datasheet HTML 2Page - Microchip Technology USB3320 Datasheet HTML 3Page - Microchip Technology USB3320 Datasheet HTML 4Page - Microchip Technology USB3320 Datasheet HTML 5Page - Microchip Technology USB3320 Datasheet HTML 6Page - Microchip Technology USB3320 Datasheet HTML 7Page - Microchip Technology USB3320 Datasheet HTML 8Page - Microchip Technology USB3320 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
 2014-2015 Microchip Technology Inc.
DS00001792B-page 1
Features
• Integrated ESD protection circuits
- Up to ±15kV IEC Air Discharge without exter-
nal devices
• Over-Voltage Protection circuit (OVP) protects the
VBUS pin from continuous DC voltages up to 30V
• Integrated USB Switch
- No degradation of Hi-Speed electrical char-
acteristics
- Allows single USB port of connection by pro-
viding switching function for:
–Battery charging
–Stereo and mono/mic audio
–USB Full-Speed/Low-Speed data
•flexPWR® Technology
- Low current design ideal for battery powered
applications
- “Sleep” mode tri-states all ULPI pins and
places the part in a low current state
- 1.8V to 3.3V IO Voltage (±10%)
• Integrated battery to 3.3V regulator
- 2.2uF bypass capacitor
- 100mV dropout voltage
• “Wrapper-less” design for optimal timing perfor-
mance and design ease
- Low Latency Hi-Speed Receiver (43 Hi-
Speed clocks Max) allows use of legacy
UTMI Links with a ULPI bridge
• Selectable Reference Clock Frequency
- Frequencies: 12, 13, 19.2, 24, 26, 27, 38.4,
52 or 60MHz - pin selectable
• External Reference Clock operation available
- ULPI Input Clock Mode (60MHz sourced by
Link)
- 0 to 3.6V input drive tolerant
- Able to accept “noisy” clock sources as refer-
ence to internal, low-jitter PLL
• Internal Oscillator operation available
• This mode requires external Quartz Crystal or
Ceramic Resonator
• Smart detection circuits allow identification of
USB charger, headset, or data cable insertion
• Includes full support for the optional On-The-Go
(OTG) protocol detailed in the On-The-Go Sup-
plement Revision 2.0 specification
• Supports Headset Audio Mode
• Supports the OTG Host Negotiation Protocol
(HNP) and Session Request Protocol (SRP)
• UART mode for non-USB serial data transfers
• Internal 5V cable short-circuit protection of ID, DP
and DM lines to VBUS or ground
• Industrial Operating Temperature -40
°C to +85°C
• 32-pin, QFN RoHS Compliant Package
(5 x 5 x 0.90 mm height)
Applications
The USB3320 is targeted for any application where a
Hi-Speed USB connection is desired and when board
space, power, and interface pins must be minimized.
The USB3320 is well suited for:
• Networking
• Audio Video
•Medical
• Industrial Computers
• Printers
• Repeaters
• Communication
USB3320
Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI
Transceiver


Similar Part No. - USB3320

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB3320C-EZK SMSC-USB3320C-EZK Datasheet
1Mb / 82P
Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
logo
Microchip Technology
USB3320C-EZK-TR MICROCHIP-USB3320C-EZK-TR Datasheet
1Mb / 82P
Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
Revision 1.0 (07-14-09)
logo
SMSC Corporation
USB3320C-EZK-TR SMSC-USB3320C-EZK-TR Datasheet
1Mb / 82P
Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
More results

Similar Description - USB3320

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB332X SMSC-USB332X Datasheet
247Kb / 10P
Miniature Hi-Speed USB Transceiver with 1.8V ULPI Interface
logo
NXP Semiconductors
ISP1505C NXP-ISP1505C Datasheet
393Kb / 76P
ULPI Hi-Speed USB host and peripheral transceiver
Rev. 03-26 August 2008
ISP1506A NXP-ISP1506A_08 Datasheet
427Kb / 80P
ULPI Hi-Speed USB OTG transceiver
Rev. 02-28 August 2008
ISP1512A NXP-ISP1512A Datasheet
285Kb / 56P
ULPI Hi-Speed USB transceiver
Rev. 01-31 July 2008
logo
Maxim Integrated Produc...
MAX3349E MAXIM-MAX3349E Datasheet
371Kb / 16P
Hi-Speed USB 2.0 Full-Speed Transceiver with UART Multiplexing Mode
Rev 1; 5/11
logo
Microchip Technology
USB3320C-EZK-TR MICROCHIP-USB3320C-EZK-TR Datasheet
1Mb / 82P
Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
Revision 1.0 (07-14-09)
logo
SMSC Corporation
USB3320C-EZK-TR SMSC-USB3320C-EZK-TR Datasheet
1Mb / 82P
Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
logo
List of Unclassifed Man...
ISP1507A ETC2-ISP1507A Datasheet
1Mb / 81P
ULPI Hi-Speed USB On-The-Go transceiver
logo
Microchip Technology
USB3370 MICROCHIP-USB3370 Datasheet
1Mb / 75P
Enhanced Single Supply Hi-Speed USB ULPI Transceiver
01/27/15
USB334X MICROCHIP-USB334X Datasheet
1Mb / 92P
Enhanced Single Supply Hi-Speed USB ULPI Transceiver
10/25/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com