Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3320 Datasheet(PDF) 54 Page - Microchip Technology

Part # USB3320
Description  Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3320 Datasheet(HTML) 54 Page - Microchip Technology

Back Button USB3320 Datasheet HTML 50Page - Microchip Technology USB3320 Datasheet HTML 51Page - Microchip Technology USB3320 Datasheet HTML 52Page - Microchip Technology USB3320 Datasheet HTML 53Page - Microchip Technology USB3320 Datasheet HTML 54Page - Microchip Technology USB3320 Datasheet HTML 55Page - Microchip Technology USB3320 Datasheet HTML 56Page - Microchip Technology USB3320 Datasheet HTML 57Page - Microchip Technology USB3320 Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 70 page
background image
USB3320
DS00001792B-page 54
 2014-2015 Microchip Technology Inc.
7.1.1.13
Scratch Register
Address = 16-18h (read), 16h (write), 17h (set), 18h (clear)
7.1.2
CARKIT CONTROL REGISTERS
The following registers are used to set-up and enable the USB UART and USB Audio functions.
7.1.2.1
Carkit Control
Address = 19-1Bh (read), 19h (write), 1Ah (set), 1Bh (clear)
This register is used to program the USB3320 into and out of the Carkit Mode. When entering the UART mode the Link
must first set the desired TxdEn and the RxdEn bits and then transition to Carkit Mode by setting the CarkitMode bit in
the Interface Control Register. When RxdEn is not set then the DATA[1] pin is held to a logic high.
If using USB UART mode the UART data will appear at the SPK_L and SPK_R pins if the corresponding SpkLeftEn,
SpkRightEn
, or MicEn switches are enabled.
If using USB Audio the TxdEn and RxdEn bits should not be set when the SpkLeftEn, SpkRightEn, or MicEn switches
are enabled. The USB single-ended receivers described in Section 5.2.1 are disabled when either SpkLeftEn,
SpkRightEn
, or MicEn are set.
7.1.2.2
Carkit Interrupt Enable
Address = 1D-1Fh (read), 1Dh (write), 1Eh (set), 1Fh (clear)
Field Name
Bit
Access
Default
Description
Scratch
7:0
rd/w/s/c
00h
Empty register byte for testing purposes. Software can
read, write, set, and clear this register and the
transceiver functionality will not be affected.
Field Name
Bit
Access
Default
Description
CarkitPwr
0
rd
0b
Read only, 0.
IdGndDrv
1
rd/w/s/c
0b
Drives ID pin to ground
TxdEn
2
rd/w/s/c
0b
Connects UART TXD (DATA[0]) to DM
RxdEn
3
rd/w/s/c
0b
Connects UART RXD (DATA[1]) to DP
SpkLeftEn
4
rd/w/s/c
0b
Connects DM pin to SPK_L pin
SpkRightEn
5
rd/w/s/c
0b
Connects DP pin to SPK_R pin. See Note below.
MicEn
6
rd/w/s/c
0b
Connects DP pin to SPK_R pin. See Note below.
Reserved
7
rd
0b
Read only, 0.
Note:
If SpkRightEn or MicEn are asserted the DP pin will be connected to SPK_R. To disconnect the DP pin
from the SPK_R pin both SpkrRightEn and MicEn must be set to de-asserted.
Field Name
Bit
Access
Default
Description
IdFloatRise
0
rd/w/s/c
0b
When enabled an interrupt will be generated on the
alt_int of the RXCMD byte when the ID pin transitions
from non-floating to floating. The IdPullup bit in the
OTG Control register should be set.
IdFloatFall
1
rd/w/s/c
0b
When enabled an interrupt will be generated on the
alt_int of the RXCMD byte when the ID pin transitions
from floating to non-floating. The IdPullup bit in the
OTG Control register should be set.
CarIntDet
2
rd
0b
Not Implemented. Reads as 0b.
CarDpRise
3
rd
0b
Not Implemented. Reads as 0b.
CarDpFall
4
rd
0b
Not Implemented. Reads as 0b.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com