Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3320 Datasheet(PDF) 33 Page - Microchip Technology

Part # USB3320
Description  Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3320 Datasheet(HTML) 33 Page - Microchip Technology

Back Button USB3320 Datasheet HTML 29Page - Microchip Technology USB3320 Datasheet HTML 30Page - Microchip Technology USB3320 Datasheet HTML 31Page - Microchip Technology USB3320 Datasheet HTML 32Page - Microchip Technology USB3320 Datasheet HTML 33Page - Microchip Technology USB3320 Datasheet HTML 34Page - Microchip Technology USB3320 Datasheet HTML 35Page - Microchip Technology USB3320 Datasheet HTML 36Page - Microchip Technology USB3320 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 70 page
background image
 2014-2015 Microchip Technology Inc.
DS00001792B-page 33
USB3320
6.0
ULPI OPERATION
6.1
Overview
The USB3320 uses the industry standard ULPI digital interface to facilitate communication between the USB Trans-
ceiver (PHY) and Link (device controller). The ULPI interface is designed to reduce the number of pins required to con-
nect a discrete USB Transceiver to an ASIC or digital controller. For example, a full UTMI+ Level 3 OTG interface
requires 54 signals while a ULPI interface requires only 12 signals.
The ULPI interface is documented completely in the “UTMI+ Low Pin Interface (ULPI) Specification Revision 1.1”. The
following sections describe the operating modes of the USB3320 digital interface.
Figure 6-1 illustrates the block diagram of the ULPI digital functions. It should be noted that this USB3320 does not use
a “ULPI wrapper” around a UTMI+ PHY core as the ULPI specification implies.
The advantage of a “wrapper less” architecture is that the USB3320 has a lower USB latency than a design which must
first register signals into the PHY’s wrapper before the transfer to the PHY core. A low latency PHY allows a Link to use
a wrapper around a UTMI Link and still make the required USB turn-around timing given in the USB 2.0 specification.
FIGURE 6-1:
ULPI DIGITAL BLOCK DIAGRAM
NOTE:
The ULPI interface
is a wrapperless
design.
POR
ULPI Register Array
Interrupt Control
Data[7:0]
High Speed TX
Full Speed TX
Low Speed TX
High Speed Data
Recovery
Full / Low Speed
Data Recovery
ULPI Protocol
Block
HS Tx Data
FS/LS Tx Data
HS RX Data
FS/LS Data
DIR
NXT
STP
Tx Data
Rx Data
USB Transmit and Receive Logic
RESETB
Rid State
Machine
To RX
Analog
To TX
Analog
To
OTG
Analog
To USB
Audio
Analog



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com