Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3320 Datasheet(PDF) 10 Page - Microchip Technology

Part # USB3320
Description  Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3320 Datasheet(HTML) 10 Page - Microchip Technology

Back Button USB3320 Datasheet HTML 6Page - Microchip Technology USB3320 Datasheet HTML 7Page - Microchip Technology USB3320 Datasheet HTML 8Page - Microchip Technology USB3320 Datasheet HTML 9Page - Microchip Technology USB3320 Datasheet HTML 10Page - Microchip Technology USB3320 Datasheet HTML 11Page - Microchip Technology USB3320 Datasheet HTML 12Page - Microchip Technology USB3320 Datasheet HTML 13Page - Microchip Technology USB3320 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
USB3320
DS00001792B-page 10
 2014-2015 Microchip Technology Inc.
4.0
ELECTRICAL CHARACTERISTICS
The following conditions are assumed unless otherwise specified:
VVBAT = 3.1 to 5.5V; VDD18 = 1.6 to 2.0V; VDDIO = 1.6 to 2.0V; VSS = 0V; TA = -40°C to +85°C
The current for 3.3V circuits is sourced at the VBAT pin, except when using an external 3.3V supply as shown in
Figure 5-7.
4.1
Operating Current
Note 4-1
ClockSuspendM
bit = 0.
Note 4-2
SessEnd, VbusVld, and IdFloat comparators disabled. STP Interface protection disabled.
TABLE 4-1:
ELECTRICAL CHARACTERISTICS: OPERATING CURRENT
Parameter
Symbol
Condition
MIN
TYP
MAX
Units
Synchronous Mode Current
(Default Configuration)
I33AVG(SYNC)
Start-up sequence defined in
Section 5.5.4 has
completed.
7.5
mA
I18AVG(SYNC)
28.0
mA
IIOAVG(SYNC)
4.1
mA
Synchronous Mode Current
(HS USB operation)
I33AVG(HS)
Active USB Transfer
11.1
mA
I18AVG(HS)
29.4
mA
IIOAVG(HS)
5.9
mA
Synchronous Mode Current
(FS/LS USB operation)
I33AVG(FS)
Active USB Transfer
6.3
mA
I18AVG(FS)
22.5
mA
IIOAVG(FS)
5.0
mA
Serial Mode Current
(FS/LS USB)
Note 4-1
I33AVG(FS_S)
5.6
mA
I18AVG(FS_S)
2.4
mA
IIOAVG(FS_S)
86
uA
USB UART Current
Note 4-1
I33AVG(UART)
5.6
mA
I18AVG(UART)
2.4
mA
IIOAVG(UART)
58
uA
Low Power Mode
Note 4-2
IDD33(LPM)
VVBAT = 4.2V
VDD18 = 1.8V
VDDIO = 1.8V
18.8
uA
IDD18(LPM)
0.7
uA
IDDIO(LPM)
30
uA
Standby Mode
IDD33(RSTB)
RESETB = 0
VVBAT = 4.2V
VDD18 = 1.8V
VDDIO = 1.8V
18
uA
IDD18(RSTB)
0.6
uA
IDDIO(RSTB)
0.1
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com