Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3320 Datasheet(PDF) 4 Page - Microchip Technology

Part # USB3320
Description  Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3320 Datasheet(HTML) 4 Page - Microchip Technology

  USB3320 Datasheet HTML 1Page - Microchip Technology USB3320 Datasheet HTML 2Page - Microchip Technology USB3320 Datasheet HTML 3Page - Microchip Technology USB3320 Datasheet HTML 4Page - Microchip Technology USB3320 Datasheet HTML 5Page - Microchip Technology USB3320 Datasheet HTML 6Page - Microchip Technology USB3320 Datasheet HTML 7Page - Microchip Technology USB3320 Datasheet HTML 8Page - Microchip Technology USB3320 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 70 page
background image
USB3320
DS00001792B-page 4
 2014-2015 Microchip Technology Inc.
1.0
INTRODUCTION
1.1
General Description
The Microchip USB3320 is a Hi-Speed USB 2.0 Transceiver that provides a configurable physical layer (PHY) solution
and is an excellent match for a wide variety of products.
The frequency of the reference clock is user selectable. The USB3320 includes an internal oscillator that may be used
with either a quartz crystal or a ceramic resonator. Alternatively, the crystal input can be driven by an external clock oscil-
lator. Another option is the use of a 60MHz external clock when using the ULPI Input Clock mode.
Several advanced features make the USB3320 the transceiver of choice by reducing both electrical bill of material
(eBOM) part count and printed circuit board (PCB) area. Outstanding ESD robustness eliminates the need for external
ESD protection devices in typical applications. The internal Over-Voltage Protection circuit (OVP) protects the USB3320
from voltages up to 30V. By using a reference clock from the Link, the USB3320 removes the cost of a dedicated crystal
reference from the design. And the integrated USB switch enables unique product features with a single USB port of
connection.
The USB3320 meets all of the electrical requirements to be used as a Hi-Speed USB Host, Device, or an On-the-Go
(OTG) transceiver. In addition to the supporting USB signaling, the USB3320 also provides USB UART mode and USB
Audio mode.
USB3320 uses the industry standard UTMI+ Low Pin Interface (ULPI) to connect the USB Transceiver to the Link. ULPI
uses a method of in-band signaling and status byte transfers between the Link and transceiver to facilitate a USB ses-
sion with only 12 pins.
The USB3320 uses Microchip’s “wrapper-less” technology to implement the ULPI interface. This “wrapper-less” tech-
nology allows the transceiver to achieve a low latency transmit and receive time. Microchip’s low latency transceiver
allows an existing UTMI Link to be reused by adding a UTMI to ULPI bridge. By adding a bridge to the ASIC the existing
and proven UTMI Link IP can be reused.
FIGURE 1-1:
USB3320 BLOCK DIAGRAM
OTG
Hi-Speed
USB
Transceiver
ULPI Interface
ULPI
Registers
and State
Machine
BIAS
Crystal
Oscillator and
Low Jitter
Integrated
PLL
Integrated
Power
Management
VBUS
ID
DP
DM
RBIAS
REFCLK
DATA[7:0]
CPEN
XO
RESETB
VDD18
VDD33
VBAT
DIR
NXT
STP
CLKOUT
USB
DP/DM
Switch
VDDIO
REFSEL[2:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com