Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3320 Datasheet(PDF) 44 Page - Microchip Technology

Part # USB3320
Description  Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3320 Datasheet(HTML) 44 Page - Microchip Technology

Back Button USB3320 Datasheet HTML 40Page - Microchip Technology USB3320 Datasheet HTML 41Page - Microchip Technology USB3320 Datasheet HTML 42Page - Microchip Technology USB3320 Datasheet HTML 43Page - Microchip Technology USB3320 Datasheet HTML 44Page - Microchip Technology USB3320 Datasheet HTML 45Page - Microchip Technology USB3320 Datasheet HTML 46Page - Microchip Technology USB3320 Datasheet HTML 47Page - Microchip Technology USB3320 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 70 page
background image
USB3320
DS00001792B-page 44
 2014-2015 Microchip Technology Inc.
6.3.2
EXITING LOW POWER MODE
To exit Low Power Mode, the Link will assert STP. Upon the assertion of STP, the USB3320 will begin its start-up pro-
cedure. After the transceiver start-up is complete, the transceiver will start the clock on CLKOUT and de-assert DIR.
After DIR has been de-asserted, the Link can de-assert STP when ready and start operating in Synchronous Mode. The
transceiver will automatically set the SuspendM bit to a 1 in the Function Control register.
The value for TSTART is given in Table 4-2.
Should the Link de-assert STP before DIR is de-asserted, the USB3320 will detect this as a false resume request and
return to Low Power Mode. This is detailed in section 3.9.4 of the ULPI 1.1 specification.
6.3.3
INTERFACE PROTECTION
ULPI protocol assumes that both the Link and transceiver will keep the ULPI data bus driven by either the Link when
DIR
is low or the transceiver when DIR is high. The only exception is when DIR has changed state and a turn around
cycle occurs for 1 clock period.
In the design of a USB system, there can be cases where the Link may not be driving the ULPI bus to a known state
while DIR is low. Two examples where this can happen is because of a slow Link start-up or a hardware reset.
6.3.3.1
Start up Protection
Upon start-up, when the transceiver de-asserts DIR, the Link must be ready to receive commands and drive Idle on the
data bus. If the Link is not ready to receive commands or drive Idle, it must assert STP before DIR is de-asserted. The
Link can then de-assert STP when it has completed its start-up. If the Link doesn’t assert STP before it can receive com-
mands, the transceiver may interpret the data bus state as a TX CMD and transmit invalid data onto the USB bus, or
make invalid register writes.
When the USB3320 sends a RXCMD the Link is required to drive the data bus back to idle at the end of the turn around
cycle. If the Link does not drive the databus to idle the USB3320 may take the information on the data bus as a TXCMD
and transmit data on DP and DM until the Link asserts stop. If the ID pin is floated the last RXCMD from the USB3320
will remain on the bus after DIR is de-asserted and the USB3320 will take this in as a TXCMD.
A Link should be designed to have the default POR state of the STP output high and the data bus tri-stated. The
USB3320 has weak pull-downs on the data bus to prevent these inputs from floating when not driven. These resistors
are only used to prevent the ULPI interface from floating during events when the link ULPI pins may be tri-stated. The
strength of the pull down resistors can be found in Table 4-4. The pull downs are not strong enough to pull the data bus
low after a ULPI RXCMD, the Link must drive the data bus to idle after DIR is de-asserted.
FIGURE 6-10:
EXITING LOW POWER MODE
DIR
CLK
DATA[7:0]
STP
TURN
AROUND
LOW
POWER MODE
DATA BUS IGNORED (SLOW LINK)
IDLE (FAST LINK)
IDLE
T0
T1
T2
T3
T5
T4
Slow Link Drives Bus
Idle and STP low
Fast Link Drives Bus
Idle and STP low
...
Note: Not to Scale
TSTART



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com