Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3320 Datasheet(PDF) 12 Page - Microchip Technology

Part # USB3320
Description  Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3320 Datasheet(HTML) 12 Page - Microchip Technology

Back Button USB3320 Datasheet HTML 8Page - Microchip Technology USB3320 Datasheet HTML 9Page - Microchip Technology USB3320 Datasheet HTML 10Page - Microchip Technology USB3320 Datasheet HTML 11Page - Microchip Technology USB3320 Datasheet HTML 12Page - Microchip Technology USB3320 Datasheet HTML 13Page - Microchip Technology USB3320 Datasheet HTML 14Page - Microchip Technology USB3320 Datasheet HTML 15Page - Microchip Technology USB3320 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 70 page
background image
USB3320
DS00001792B-page 12
 2014-2015 Microchip Technology Inc.
4.4
Digital IO Pins
4.5
DC Characteristics: Analog I/O Pins
TABLE 4-4:
DIGITAL IO CHARACTERISTICS: RESETB, CLKOUT, STP, DIR, NXT, DATA[7:0] &
REFCLK PINS
Parameter
Symbol
Condition
MIN
TYP
MAX
Units
Low-Level Input Voltage
VIL
VSS
0.4 *
VDDIO
V
High-Level Input Voltage
VIH
0.68 *
VDDIO
VDDIO
V
High-Level Input Voltage
REFCLK
only
VIH
0.68 *
VDD18
VDD33
V
Low-Level Output Voltage
VOL
IOL = 8mA
0.4
V
High-Level Output Voltage
VOH
IOH = -8mA
VDDIO -
0.4
V
High-Level Output Voltage
CPEN
Only
VOH
IOH = -8mA
VDD33 -
0.4
V
Input Leakage Current
ILI
VDD33 -
0.4
±10
uA
Pin Capacitance
Cpin
4
pF
STP
pull-up resistance
RSTP
InterfaceProtectDisable
= 0
55
67
77
kΩ
DATA[7:0]
pull-dn resistance RDATA_PD
ULPI Synchronous Mode
55
67
77
kΩ
CLKOUT
External Drive
VIH_ED
At start-up or following reset
0.4 *
VDDIO
V
TABLE 4-5:
DC CHARACTERISTICS: ANALOG I/O PINS (DP/DM)
Parameter
Symbol
Condition
MIN
TYP
MAX
Units
LS/FS FUNCTIONALITY
Input levels
Differential Receiver Input
Sensitivity
VDIFS
| V(DP) - V(DM) |
0.2
V
Differential Receiver
Common-Mode Voltage
VCMFS
0.8
2.5
V
Single-Ended Receiver Low
Level Input Voltage
VILSE
Note 4-6
0.8
V
Single-Ended Receiver High
Level Input Voltage
VIHSE
Note 4-6
2.0
V
Single-Ended Receiver
Hysteresis
VHYSSE
0.050
0.150
V
Output Levels
Low Level Output Voltage
VFSOL
Pull-up resistor on DP;
RL = 1.5kΩ to VDD33
0.3
V
High Level Output Voltage
VFSOH
Pull-down resistor on DP,
DM; Note 4-6
RL = 15kΩ to GND
2.8
3.6
V
Termination
Driver Output Impedance for
HS and FS
ZHSDRV
Steady state drive
40.5
45
49.5
Input Impedance
ZINP
RX, RPU, RPD disabled
1.0
MΩ
Pull-up Resistor Impedance
RPU
Bus Idle, Note 4-5
0.900
1.24
1.575
kΩ
Pull-up Resistor Impedance
RPU
Device Receiving, Note 4-5 1.425
2.26
3.09
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com