Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3320 Datasheet(PDF) 6 Page - Microchip Technology

Part # USB3320
Description  Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3320 Datasheet(HTML) 6 Page - Microchip Technology

Back Button USB3320 Datasheet HTML 2Page - Microchip Technology USB3320 Datasheet HTML 3Page - Microchip Technology USB3320 Datasheet HTML 4Page - Microchip Technology USB3320 Datasheet HTML 5Page - Microchip Technology USB3320 Datasheet HTML 6Page - Microchip Technology USB3320 Datasheet HTML 7Page - Microchip Technology USB3320 Datasheet HTML 8Page - Microchip Technology USB3320 Datasheet HTML 9Page - Microchip Technology USB3320 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
USB3320
DS00001792B-page 6
 2014-2015 Microchip Technology Inc.
2.0
USB3320 PIN LOCATIONS AND DEFINITIONS
2.1
USB3320 Pin Locations and Descriptions
2.1.1
PACKAGE DIAGRAM WITH PIN LOCATIONS
The illustration below is viewed from the top of the package.
2.1.2
PIN DEFINITIONS
The following table details the pin definitions for the figure above.
FIGURE 2-1:
USB3320 PIN LOCATIONS - TOP VIEW
TABLE 2-1:
USB3320 PIN DESCRIPTION
Pin
Name
Direction/
Type
Active
Level
Description
1CLKOUT
Output,
CMOS
N/A
ULPI Output Clock Mode:
60MHz ULPI clock output. All ULPI signals
are driven synchronous to the rising edge
of this clock.
ULPI Input Clock Mode:
This pin is connected to VDDIO to
configure 60MHz ULPI Input Clock mode
as described in Section 5.4.1.
Following POR or hardware reset, the
voltage at CLKOUT must not exceed
VIH_ED as provided inTable 4-4.
2NXT
Output,
CMOS
High
The transceiver asserts NXT to throttle the
data. When the Link is sending data to the
transceiver, NXT indicates when the
current byte has been accepted by the
transceiver. The Link places the next byte
on the data bus in the following clock
cycle.
3
DATA[0]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
CLKOUT
NXT
DATA0
DATA1
DATA2
DATA3
REFSEL0
DATA4
RBIAS
CPEN
DM
DP
VBUS
VBAT
VDD33
ID
USB3300
Hi-Speed USB2
ULPI PHY
32 Pin QFN
1
2
3
4
5
6
7
8
Hi-Speed USB
ULPI PHY
32 Pin QFN
GND FLAG
24
23
22
21
20
19
18
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com