Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3320 Datasheet(PDF) 58 Page - Microchip Technology

Part # USB3320
Description  Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3320 Datasheet(HTML) 58 Page - Microchip Technology

Back Button USB3320 Datasheet HTML 54Page - Microchip Technology USB3320 Datasheet HTML 55Page - Microchip Technology USB3320 Datasheet HTML 56Page - Microchip Technology USB3320 Datasheet HTML 57Page - Microchip Technology USB3320 Datasheet HTML 58Page - Microchip Technology USB3320 Datasheet HTML 59Page - Microchip Technology USB3320 Datasheet HTML 60Page - Microchip Technology USB3320 Datasheet HTML 61Page - Microchip Technology USB3320 Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 70 page
background image
USB3320
DS00001792B-page 58
 2014-2015 Microchip Technology Inc.
8.0
APPLICATION NOTES
8.1
Application Diagram
The USB3320 requires few external components as shown in the application diagrams. The USB 2.0 Specification
restricts the voltage at the VBUS pin to a maximum value of 5.25V. In some applications, the voltage will exceed this
voltage, and the USB3320 provides an integrated overvoltage protection circuit. The overvoltage protection circuit works
with an external resistor (RVBUS) to lower the voltage at the VBUS pin, as described in Section 5.6.2.6.
Following POR or hardware reset, the voltage at CLKOUT must not exceed VIH_ED as provided in Table 4-4.
TABLE 8-1:
COMPONENT VALUES IN APPLICATION DIAGRAMS
Reference
Designator
Value
Description
Notes
COUT
2.2
μF
Bypass capacitor to ground (<1
Ω ESR) for
regulator stability.
Place as close as possible to the
transceiver.
CVBUS
See Table 8-2
Capacitor to ground required by the USB
Specification. Microchip recommends <1
Ω
ESR.
Place near the USB connector.
CBYP
System
dependent.
Bypass capacitor to ground. Typical
values used are 0.1 or 0.01
μF.
Place as close as possible to the
transceiver.
CDC_LOAD
System
dependent.
The USB connector housing may be AC-
coupled to the device ground.
Industry convention is to ground
only the host side of the cable
shield.
RVBUS
1k
Ω or 10kΩ
Series resistor to work with internal
overvoltage protection.
10k
Ω in device applications.
See Table 5-7 for required values in Host
or OTG applications.
See Section 5.6.2.6 for information
regarding power dissipation.
RBIAS
8.06k
Ω (±1%)
Series resistor to establish reference
voltage.
See Section 5.3 for information
regarding power dissipation.
TABLE 8-2:
CAPACITANCE VALUES AT VBUS OF USB CONNECTOR
Mode
MIN Value
MAX Value
Host
120
μF
Device
1
μF10μF
OTG
1
μF6.5μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com