Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3320 Datasheet(PDF) 20 Page - Microchip Technology

Part # USB3320
Description  Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3320 Datasheet(HTML) 20 Page - Microchip Technology

Back Button USB3320 Datasheet HTML 16Page - Microchip Technology USB3320 Datasheet HTML 17Page - Microchip Technology USB3320 Datasheet HTML 18Page - Microchip Technology USB3320 Datasheet HTML 19Page - Microchip Technology USB3320 Datasheet HTML 20Page - Microchip Technology USB3320 Datasheet HTML 21Page - Microchip Technology USB3320 Datasheet HTML 22Page - Microchip Technology USB3320 Datasheet HTML 23Page - Microchip Technology USB3320 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 70 page
background image
USB3320
DS00001792B-page 20
 2014-2015 Microchip Technology Inc.
The system must not drive voltage on the CLKOUT pin following POR or hardware reset that exceeds the value of
VIH_ED provided in Table 4-4.
5.4.1.1
ULPI Input Clock Mode (60MHz REFCLK Mode)
When using ULPI Input Clock Mode, the Link must supply the 60MHz ULPI clock to the USB3320. As shown in Figure 5-
2, the 60MHz ULPI Clock is connected to the REFCLK pin, and the CLKOUT pin is tied high to VDDIO. A simplified
schematic using the ULPI Input Clock Mode is shown in Figure 8-2.
After the PLL has locked to the correct frequency, the USB3320 will de-assert DIR and the Link can begin using the
ULPI interface. The USB3320 is ensured to start the clock within the time specified in Table 4-2. For Host applications,
the ULPI AutoResume bit should be enabled. This is described in Section 6.2.4.4.
REFSEL[2]
, REFSEL[1] and REFSEL[0] should all be tied to VDDIO for ULPI Input Clock Mode.
5.4.1.2
ULPI Output Clock
When using ULPI Output Clock Mode, the USB3320 generates the 60MHz ULPI clock used by the Link. The frequency
of the reference clock is configured by REFSEL[2], REFSEL[1] and REFSEL[0] as described in Table 5-10. As shown
in Figure 5-3, the CLKOUT pin sources the 60MHz ULPI clock to the Link.
FIGURE 5-2:
CONFIGURING THE USB332X FOR ULPI INPUT CLOCK MODE (60 MHZ)
FIGURE 5-3:
CONFIGURING THE USB332X FOR ULPI OUTPUT CLOCK MODE
CLKOUT
REFCLK
PHY
Clock
Source
To PLL
Link
ULPI Clk Out
Reference Clk In
VDDIO
CLKOUT
REFCLK
PHY
From PLL
Clock
Source
To PLL
Link
ULPI Clk In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com