Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3320 Datasheet(PDF) 49 Page - Microchip Technology

Part # USB3320
Description  Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3320 Datasheet(HTML) 49 Page - Microchip Technology

Back Button USB3320 Datasheet HTML 45Page - Microchip Technology USB3320 Datasheet HTML 46Page - Microchip Technology USB3320 Datasheet HTML 47Page - Microchip Technology USB3320 Datasheet HTML 48Page - Microchip Technology USB3320 Datasheet HTML 49Page - Microchip Technology USB3320 Datasheet HTML 50Page - Microchip Technology USB3320 Datasheet HTML 51Page - Microchip Technology USB3320 Datasheet HTML 52Page - Microchip Technology USB3320 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 70 page
background image
 2014-2015 Microchip Technology Inc.
DS00001792B-page 49
USB3320
7.0
ULPI REGISTER MAP
7.1
ULPI Register Array
The USB3320 Transceiver implements all of the ULPI registers detailed in the ULPI revision 1.1 specification. The com-
plete USB3320 ULPI register set is shown in Table 7-1. All registers are 8 bits. This table also includes the default state
of each register upon POR or de-assertion of RESETB, as described in Section 5.5.2. The RESET bit in the Function
Control Register does not reset the bits of the ULPI register array. The Link should not read or write to any registers not
listed in this table.
The USB3320 supports extended register access. The immediate register set (00-3Fh) can be accessed through either
a immediate address or an extended register address.
Note 7-1
Dynamically updates to reflect current status of interrupt sources.
TABLE 7-1:
ULPI REGISTER MAP
Register Name
Default
State
Address (6bit)
Read
Write
Set
Clear
Vendor ID Low
24h
00h
---
Vendor ID High
04h
01h
---
Product ID Low
07h
02h
---
Product ID High
00h
03h
---
Function Control
41h
04-06h
04h
05h
06h
Interface Control
00h
07-09h
07h
08h
09h
OTG Control
06h
0A-0Ch
0Ah
0Bh
0Ch
USB Interrupt Enable Rising
1Fh
0D-0Fh
0Dh
0Eh
0Fh
USB Interrupt Enable Falling
1Fh
10-12h
10h
11h
12h
USB Interrupt Status (Note 7-1)
00h
13h
---
USB Interrupt Latch
00h
14h
---
Debug
00h
15h
---
Scratch Register
00h
16-18h
16h
17h
18h
Carkit Control
00h
19-1Bh
19h
1Ah
1Bh
Reserved
00h
1Ch
Carkit Interrupt Enable
00h
1D-1Fh
1Dh
1Eh
1Fh
Carkit Interrupt Status
00h
20h
---
Carkit Interrupt Latch
00h
21h
---
Reserved
00h
22-30h
HS TX Boost
00h
31h
31h
-
-
Reserved
00h
32h
32h
-
-
Headset Audio Mode
00h
33h
33h
-
-
Reserved
00h
34-35h
Vendor Rid Conversion
00h
36-38h
36h
37h
38h
USB IO & Power Management
04h
39-3Bh
39h
3Ah
3Bh
Reserved
00h
3C-3Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com