Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3320 Datasheet(PDF) 61 Page - Microchip Technology

Part # USB3320
Description  Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3320 Datasheet(HTML) 61 Page - Microchip Technology

Back Button USB3320 Datasheet HTML 57Page - Microchip Technology USB3320 Datasheet HTML 58Page - Microchip Technology USB3320 Datasheet HTML 59Page - Microchip Technology USB3320 Datasheet HTML 60Page - Microchip Technology USB3320 Datasheet HTML 61Page - Microchip Technology USB3320 Datasheet HTML 62Page - Microchip Technology USB3320 Datasheet HTML 63Page - Microchip Technology USB3320 Datasheet HTML 64Page - Microchip Technology USB3320 Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 70 page
background image
 2014-2015 Microchip Technology Inc.
DS00001792B-page 61
USB3320
FIGURE 8-3:
USB3320 APPLICATION DIAGRAM (HOST OR OTG, ULPI OUTPUT CLOCK
MODE, 24MHZ)
VBUS
Switch
OUT
EN
IN
5V
VBUS
22
VBAT
21
VDD33
20
ID
23
DM
DP
19
18
SPK_L
SPK_R
16
15
GND
Optional
Switched Signal
to DP/DM
USB
Receptacle
DM
DP
ID
SHIELD
GND
VBUS
COUT
3.1-5.5V
Supply
CBYP
RVBUS
The capacitor CVBUS
must be installed on
this side of RVBUS.
CVBUS
RVBUSmust be
installed to enable
overvoltage
protection of the
VBUS
pin.
REFSEL2
14
REFSEL1
11
REFSEL0
8
VDDIO Supply
CPEN
17
Link Controller
DIR
NXT
STP
CLKIN
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA0
DATA1
RESETB
RBIAS
DIR
NXT
STP
CLKOUT
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA0
DATA1
13
10
9
7
6
5
4
3
29
2
31
1
RESETB 27
24
RBIAS
VDD18 28, 30
1.8V Supply
CBYP
VDDIO
CBYP
VDDIO Supply
32
26
25
1M
Ω
CLOAD
Resonator
Crystal
and Caps
- or -
REFCLK
XO
For Host applications (non-OTG), the
ID
pin should be connected to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com