Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3320 Datasheet(PDF) 9 Page - Microchip Technology

Part # USB3320
Description  Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3320 Datasheet(HTML) 9 Page - Microchip Technology

Back Button USB3320 Datasheet HTML 5Page - Microchip Technology USB3320 Datasheet HTML 6Page - Microchip Technology USB3320 Datasheet HTML 7Page - Microchip Technology USB3320 Datasheet HTML 8Page - Microchip Technology USB3320 Datasheet HTML 9Page - Microchip Technology USB3320 Datasheet HTML 10Page - Microchip Technology USB3320 Datasheet HTML 11Page - Microchip Technology USB3320 Datasheet HTML 12Page - Microchip Technology USB3320 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
 2014-2015 Microchip Technology Inc.
DS00001792B-page 9
USB3320
3.0
LIMITING VALUES
3.1
Absolute Maximum Ratings
3.2
Recommended Operating Conditions
TABLE 3-1:
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
MIN
TYP
MAX
Units
VBUS
, VBAT, ID, CPEN,
DP
, DM, SPK_L, and
SPK_R
voltage to GND
VMAX_5V
Voltage measured at pin.
VBUS
tolerant to 30V with
external RVBUS.
-0.5
+6.0
V
Maximum VDD18 voltage
to Ground
VMAX_18V
-0.5
2.5
V
Maximum VDDIO voltage
to Ground
VMAX_IOV
VDD18
= VDD18
-0.5
4.0
V
Maximum VDDIO voltage
to Ground
VMAX_IOV
VDD18
= 0V
-0.5
0.7
V
Maximum VDD33 voltage
to Ground
VMAX_33V
-0.5
4.0
V
Maximum I/O voltage to
Ground
VMAX_IN
-0.5
VDDIO + 0.7 V
Operating Temperature
TMAX_OP
-40
85
°C
Storage Temperature
TMAX_STG
-55
150
°C
Note:
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
TABLE 3-2:
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Condition
MIN
TYP
MAX
Units
VBAT
to GND
VVBAT
3.1
5.5
V
VDD33
to GND
VDD33
3.0
3.3
3.6
V
VDDIO
to GND
VDDIO
1.6
1.8-3.3
3.6
V
VDD18
to GND
VDD18
1.6
1.8
2.0
V
Input Voltage on Digital
Pins (RESETB, STP, DIR,
NXT
, DATA[7:0])
VI
0.0
VDDIO
V
Voltage on Analog I/O
Pins (DP, DM, ID, CPEN,
SPK_L
, SPK_R)
VI(I/O)
0.0
VDD33
V
VBUS
to GND
VVMAX
0.0
5.5
V
Ambient Temperature
TA
-40
85
°C
VDDIO
VDD18 min
()
≥



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com