Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3320 Datasheet(PDF) 30 Page - Microchip Technology

Part # USB3320
Description  Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3320 Datasheet(HTML) 30 Page - Microchip Technology

Back Button USB3320 Datasheet HTML 26Page - Microchip Technology USB3320 Datasheet HTML 27Page - Microchip Technology USB3320 Datasheet HTML 28Page - Microchip Technology USB3320 Datasheet HTML 29Page - Microchip Technology USB3320 Datasheet HTML 30Page - Microchip Technology USB3320 Datasheet HTML 31Page - Microchip Technology USB3320 Datasheet HTML 32Page - Microchip Technology USB3320 Datasheet HTML 33Page - Microchip Technology USB3320 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 70 page
background image
USB3320
DS00001792B-page 30
 2014-2015 Microchip Technology Inc.
5.6.2.6
VBUS Overvoltage Protection
The USB3320 provides an integrated overvoltage protection circuit to protect the VBUS pin from excessive voltages
that may be present at the USB connector. The overvoltage protection circuit works with an external resistor (RVBUS) by
drawing current across the resistor to reduce the voltage at the VBUS pin.
When voltage at the VBUS pin exceeds 5.5V, the Overvoltage Protection block will sink current to ground until VBUS is
below 5.5V. The current drops the excess voltage across RVBUS and protects the USB3320 VBUS pin. The required
RVBUS value is dependent on the operating mode of the USB3320 as shown in Table 5-7.
The Overvoltage Protection circuit is designed to protect the USB3320 from continuous voltages up to 30V on the RVBUS
resistor.
The RVBUS resistor must be sized to handle the power dissipated across the resistor. The resistor power can be found
using the equation below:
For example, protecting a peripheral or device only application to 15V would require a 10kΩ RVBUS resistor with a power
rating of 0.01W. To protect an OTG product to 15V would require a 1kΩ RVBUS resistor with a power rating of 0.1W.
5.6.3
DRIVING EXTERNAL VBUS
The USB3320 monitors VBUS as described in VBUS Monitor and Pulsing. For OTG and Host applications, the system
is required to source 5 volts on VBUS. The USB3320 fully supports VBUS power control using an external VBUS switch
as shown in Figure 8-3. The USB3320 provides an active high control signal, CPEN, that is dedicated to controlling the
Vbus supply when configured as an A-Device.
CPEN
is asserted by setting the DrvVbus or DrvVbusExternal bit of the OTG Control register. To be compatible with Link
designs that support both internal and external Vbus supplies the DrvVbus and DrvVbusExternal bits in the OTG Control
Register are or’d together. This enables the Link to set either bit to access the external Vbus enable (CPEN). This logic
is shown in Figure 5-12. DrvVbus and DrvVbusExternal are set to 0 on Power On Reset (POR) as shown in
Section 7.1.1.7.
TABLE 5-7:
REQUIRED RVBUS RESISTOR VALUE
Operating Mode
RVBUS
Device only
10kΩ ±5%
OTG Capable
1kΩ ±5%
Host
UseExternalVbusIndicator = 1
10kΩ ±5%
P
RVBUS
Vprotect
5.0
()
2
R
VBUS
--------------------------------------------
=
Where:
• Vprotect is the VBUS protection required
•RVBUS is the resistor value, 1kΩ or 10kΩ.
•PRVBUS is the required power rating of RVBUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com